Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGN2Z331MELY25 Datasheet(PDF) 4 Page - Nichicon corporation

Part # LGN2Z331MELY25
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGN2Z331MELY25 Datasheet(HTML) 4 Page - Nichicon corporation

  LGN2Z331MELY25 Datasheet HTML 1Page - Nichicon corporation LGN2Z331MELY25 Datasheet HTML 2Page - Nichicon corporation LGN2Z331MELY25 Datasheet HTML 3Page - Nichicon corporation LGN2Z331MELY25 Datasheet HTML 4Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
292
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100E
Dimensions
LGN
Rated ripple current (mArms) at 105°C 120Hz
56
68
82
100
120
150
180
220
270
330
390
22 × 25
22 × 30
25 × 25
22 × 35
22 × 40
25 × 30
30 × 25
22 × 45
25 × 35
30 × 30
22 × 50
25 × 45
35 × 25
25 × 50
30 × 35
35 × 30
30 × 45
35 × 35
30 × 50
35 × 40
35 × 45
35 × 50
470
520
520
590
650
650
650
680
680
680
750
750
750
900
900
900
1020
1020
1120
1120
1250
1300
0.50
0.55
0.55
0.60
0.67
0.67
0.67
0.73
0.73
0.73
0.82
0.82
0.82
0.90
0.90
0.90
0.99
0.99
1.10
1.10
1.21
1.32
LGN2H560MELZ25
LGN2H680MELZ30
LGN2H680MELA25
LGN2H820MELZ35
LGN2H101MELZ40
LGN2H101MELA30
LGN2H101MELB25
LGN2H121MELZ45
LGN2H121MELA35
LGN2H121MELB30
LGN2H151MELZ50
LGN2H151MELA45
LGN2H151MELC25
LGN2H181MELA50
LGN2H181MELB35
LGN2H181MELC30
LGN2H221MELB45
LGN2H221MELC35
LGN2H271MELB50
LGN2H271MELC40
LGN2H331MELC45
LGN2H391MELC50
500V (2H)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD×L(mm)
Cap.(µF)
Frequency coefficient of rated ripple current
Frequency (Hz)
160 to 250V
350 to 500V
coeff.
50
60
120
300
1k
10k
50k or more
0.81
0.85
1.00
1.17
1.32
1.45
1.50
0.77
0.82
1.00
1.16
1.30
1.41
1.43
56
68
82
100
120
150
180
220
270
330
390
470
560
20 × 25
20 × 25
20 × 30
22 × 25
20 × 35
22 × 30
25 × 25
22 × 35
25 × 30
20 × 45
22 × 40
25 × 30
30 × 25
22 × 45
25 × 35
30 × 30
25 × 40
30 × 30
35 × 25
25 × 50
30 × 35
35 × 30
30 × 40
35 × 35
30 × 50
35 × 40
35 × 45
35 × 50
440
500
640
640
690
690
690
720
720
790
790
790
790
870
870
870
1050
1050
1050
1230
1230
1230
1380
1380
1610
1610
1780
1990
0.47
0.52
0.57
0.57
0.63
0.63
0.63
0.69
0.69
0.77
0.77
0.77
0.77
0.85
0.85
0.85
0.94
0.94
0.94
1.04
1.04
1.04
1.15
1.15
1.25
1.25
1.37
1.50
LGN2W560MELY25
LGN2W680MELY25
LGN2W820MELY30
LGN2W820MELZ25
LGN2W101MELY35
LGN2W101MELZ30
LGN2W101MELA25
LGN2W121MELZ35
LGN2W121MELA30
LGN2W151MELY45
LGN2W151MELZ40
LGN2W151MELA30
LGN2W151MELB25
LGN2W181MELZ45
LGN2W181MELA35
LGN2W181MELB30
LGN2W221MELA40
LGN2W221MELB30
LGN2W221MELC25
LGN2W271MELA50
LGN2W271MELB35
LGN2W271MELC30
LGN2W331MELB40
LGN2W331MELC35
LGN2W391MELB50
LGN2W391MELC40
LGN2W471MELC45
LGN2W561MELC50
450V (2W)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD×L(mm)
Cap.(µF)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com