Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMTHDTXX Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMTHDTXX
Description  TRISILTM DISCRETE SOLUTION FOR ISDN PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMTHDTXX Datasheet(HTML) 3 Page - STMicroelectronics

  SMTHDTXX Datasheet HTML 1Page - STMicroelectronics SMTHDTXX Datasheet HTML 2Page - STMicroelectronics SMTHDTXX Datasheet HTML 3Page - STMicroelectronics SMTHDTXX Datasheet HTML 4Page - STMicroelectronics SMTHDTXX Datasheet HTML 5Page - STMicroelectronics SMTHDTXX Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
REFERENCE TEST CIRCUIT FOR IH,IBO and VBO parameters :
static
relay.
R1
R2
240
140
D.U.T
VBO
measure
I, I
BO
H
measure
Tp = 20ms
K
Transformer
220V/ 800V
5A
Auto
Transformer
220V/2A
Vout
TEST PROCEDURE :
Pulse Test duration (Tp = 20ms):
- For Bidirectional devices = Switch K is closed
- For Unidirectional devices = Switch K is open.
VOUT Selection
- Device with VBR
≤ 150 Volt
-VOUT = 250 VRMS,R1 = 140
Ω.
- Device with VBR
≥ 150 Volt
-VOUT = 480 VRMS,R2 = 240
Ω.
FUNCTIONAL HOLDING CURRENT (IH) TEST CIRCUIT = GO - NOGO TEST.
D.U.T
Switch
Vp =
1KV
20
Surge Generator
10/700
sec
Vp =1KV / Ipp = 25A
F
A
K
50
25
15
220nF
Vbat = 48V
This is a GO-NOGO Test which allows to confirm the holding current (IH) level in a functional test
circuit. This test can be performed if the reference test circuit can’t be implemented.
TEST PROCEDURE :
1) Adjust the current level at the IH value by short circuiting the AK of the D.U.T.
2) Fire the D.U.T with a surge Current : Ipp = 25A , 10/700
µs.
3) The D.U.T will come back to the OFF-State within a duration of 50 ms max.
SMTHDTxx
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com