Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBS16021 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS16021
Description  160MHz SAW Filter 1.8MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS16021 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS16021 Datasheet HTML 1Page - SIPAT Co,Ltd LBS16021 Datasheet HTML 2Page - SIPAT Co,Ltd LBS16021 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS16021
Rev. Date
2005-3-29
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
160MHz SAW Filter
1.8MHz Bandwidth
Part Number: LBS16021
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
159.92
160
160.08
Insertion Loss
dB
23.5
25
3 dB Bandwidth
MHz
1.8
1.84
30 dB Bandwidth
MHz
2.54
2.6
40 dB Bandwidth
MHz
2.64
2.8
50 dB Bandwidth
MHz
2.7
3
Passband Variation
dB
0.5
1
Absolute Delay
usec
3.48
4
Group Delay Variation(f0±0.9MHz)
nsec
140
200
Ultimate Rejection
dB
50
55
Subatrate Material
quartz
Ambient Temperature
°C
25
Package Size
DIP2712
(27.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=33nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LBS16021

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS16021 SIPAT-LBS16021 Datasheet
148Kb / 3P
160MHz SAW Filter 1.8MHz Bandwidth
More results

Similar Description - LBS16021

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT16028 SIPAT-LBT16028 Datasheet
271Kb / 3P
160MHz SAW Filter 16.4MHz Bandwidth
LBS07086 SIPAT-LBS07086 Datasheet
145Kb / 3P
70MHz SAW Filter 1.8MHz Bandwidth
LBN16003B SIPAT-LBN16003B Datasheet
137Kb / 3P
160MHz SAW Filter 19.4MHz Bandwidth
LBN16003C SIPAT-LBN16003C Datasheet
137Kb / 3P
160MHz SAW Filter 19.4MHz Bandwidth
LBS11531 SIPAT-LBS11531 Datasheet
127Kb / 3P
115MHz SAW Filter 1.8MHz Bandwidth
LBS07086 SIPAT-LBS07086 Datasheet
151Kb / 3P
70MHz SAW Filter 1.8MHz Bandwidth
LBS08603 SIPAT-LBS08603 Datasheet
256Kb / 3P
85.8MHz SAW Filter 1.8MHz Bandwidth
LBS10403 SIPAT-LBS10403 Datasheet
288Kb / 3P
104.1MHz SAW Filter 1.8MHz Bandwidth
LBS11531 SIPAT-LBS11531 Datasheet
133Kb / 3P
115MHz SAW Filter 1.8MHz Bandwidth
LBS16021 SIPAT-LBS16021 Datasheet
148Kb / 3P
160MHz SAW Filter 1.8MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com