Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD2CANFD36VT-QR Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PESD2CANFD36VT-QR
Description  ESD protection for In-vehicle networks
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD2CANFD36VT-QR Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PESD2CANFD36VT-QR Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD2CANFD36VT-QR Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD2CANFD36VT-QR Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD2CANFD36VT-QR Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD2CANFD36VT-QR Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD2CANFD36VT-QR Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD2CANFD36VT-QR Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD2CANFD36VT-QR Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD2CANFD36VT-QR Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PESD2CANFD36VT-Q
ESD protection for In-vehicle networks
28 April 2022
Product data sheet
1. General description
ESD protection device in a small SOT23 Surface-Mounted Device (SMD) plastic package,
designed to protect two automotive In-vehicle network bus lines from the damage caused by
ElectroStatic discharge (ESD) and other transients.
2. Features and benefits
• Reverse stand-off voltage: VRWM = 36 V
• Low clamping voltage: VCL= 45 V at IPP = 1 A
• ESD protection up to 15 kV (IEC 61000-4-2)
• Low capacitance: Cd = 6 pF
• Qualified according to AEC-Q101 and recommended for use in automotive applications
3. Applications
ESD protection for In-vehicle network lines in automotive environments
• 24 V board net / truck systems
• CAN / CAN-FD
• FlexRay
• SENT
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff
voltage
Tamb = 25 °C
-
-
36
V
IPPM
rated peak pulse
current
tp = 8/20 µs
[1] [2] -
-
2
A
VCL
clamping voltage
IPP = 16 A; tp = TLP; Tamb = 25 °C
[3] [2] -
50
-
V
[1] According to IEC 61000-4-5.
[2] Measured from pin 1 or 2 to pin 3.
[3] Non-repetitive current pulse, Transmission Line Pulse (TLP); square pulse; ANSI / ESD STM5.5.1-2008


Similar Part No. - PESD2CANFD36VT-QR

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD2CANFD36VT-Q NEXPERIA-PESD2CANFD36VT-Q Datasheet
215Kb / 11P
ESD protection for in-vehicle networks
13 November 2022
More results

Similar Description - PESD2CANFD36VT-QR

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PESD24V PROTEC-PESD24V Datasheet
463Kb / 7P
ESD PROTECTION FOR IN-VEHICLE NETWORKS
PESD27V PROTEC-PESD27V Datasheet
475Kb / 7P
ESD PROTECTION FOR IN-VEHICLE NETWORKS
logo
Nexperia B.V. All right...
PESD2CANFD24VQB-Q NEXPERIA-PESD2CANFD24VQB-Q Datasheet
297Kb / 12P
ESD protection for in-vehicle networks
3 August 2022
PESD2CANFD24VU-Q NEXPERIA-PESD2CANFD24VU-Q Datasheet
287Kb / 12P
ESD protection for in-vehicle networks
7 September 2022
PESD2CANFD36VU-Q NEXPERIA-PESD2CANFD36VU-Q Datasheet
217Kb / 11P
ESD protection for in-vehicle networks
15 September 2022
PESD1IVN24-LS NEXPERIA-PESD1IVN24-LS Datasheet
234Kb / 11P
ESD protection for In-vehicle networks
9 April 2021
PESD2CANFD24L-T NEXPERIA-PESD2CANFD24L-T Datasheet
257Kb / 12P
ESD protection for In-vehicle networks
10 August 2020
PESD2CANFD24U-U NEXPERIA-PESD2CANFD24U-U Datasheet
281Kb / 12P
ESD protection for In-vehicle networks
2 October 2021
PESD2CANFD27L-U NEXPERIA-PESD2CANFD27L-U Datasheet
271Kb / 12P
ESD protection for In-vehicle networks
2 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com