Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPM1100-CAAA-R Datasheet(PDF) 10 Page - Nordic Semiconductor

Part # NPM1100-CAAA-R
Description  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R Datasheet(HTML) 10 Page - Nordic Semiconductor

Back Button NPM1100-CAAA-R Datasheet HTML 6Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 7Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 8Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 9Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 10Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 11Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 12Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 13Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 14Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
Product overview
VOUTSET1) for different application circuit requirements. BUCK is supplied by VINT (from SYSREG or the
battery). See BUCK — Buck regulator on page 28 for more information and electrical parameters.
The device also features Ship mode, the lowest quiescent current state. It disconnects the battery from
the system and reduces the quiescent current of the device to extend battery life when products are in
storage. See Using Ship mode on page 10 and Charging and Error LED drivers on page 11 for more
information.
3.3 Power-on reset (POR) and brownout reset (BOR)
When one of the following conditions are met, a power-on reset (POR) occurs.
•
VBUS voltage rises above VBUSPOR
•
VBAT voltage rises above VBATPOR
VBATPOR has a minimum and maximum range. To ensure the device exits reset, the voltage should be
above the maximum of the parameter.
When both of the following conditions are met, a brownout reset (BOR) occurs.
•
VBUS voltage falls below VBUSBOR
•
VBAT voltage falls below VBATBOR
BOR may occur if both supply voltages are below the maximum of the parameter range. BOR occurs if
both supply voltages are below the minimum of the parameter range.
The device is held in reset, or System OFF, when both supply voltages
VBAT and VBUS are below
minimum thresholds.
3.4 DPPM — Dynamic power-path management
Dynamic power-path management (DPPM) is a feature that regulates internal voltage (VINT) as system
load (ISYS) changes to maintain supply to the application circuit (supplied by the
VSYS and VOUTB pins).
CHARGER applies DPPM during charging, after charging completes, or when the
VBUS pin is disconnected,
to dynamically control current in and out of the battery. See DPPM — Dynamic power-path management
on page 23.
3.5 Using Ship mode
Ship mode isolates the battery, reducing quiescent current.
To enter Ship mode,
SHPACT must be set high for a minimum period of tactiveToShip when VBUS is
disconnected and
SHPHLD held high (VIH). SHPACT has an internal pull-down resistor. SHIPACT can be
connected to a microcontroller GPIO (using logic levels in the range VIL and VIH) or to a PCB test pin for
activation at the end of production.
Note:
VBUS must be discharged to below minimum level VBUSMIN which may require waiting for
any capacitive discharge before activating
SHPACT.
There are two ways to exit Ship mode. Either connect the USB (
VBUS) or set SHPHLD low for a minimum
period of tshipToActive. The battery supply (
VBAT) is used to hold SHPHLD high through a weak pull-up
resistor when Ship mode is enabled. A circuit to pull
SHPHLD down is optional (see the Button switch
shown in the following figure). If no pull-down circuit is present, Ship mode is exited when
VBUS is
connected.
4445_367 v1.0
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com