Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF52810-QFAA-R Datasheet(PDF) 63 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 63 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 59Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 60Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 61Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 62Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 63Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 64Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 65Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 66Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 67Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 483 page
background image
Power and clock management
5.3.3 System ON mode
System ON is the default state after power-on reset. In System ON, all functional blocks such as the CPU
or peripherals, can be in IDLE or RUN mode, depending on the configuration set by the software and the
state of the application executing.
Register RESETREAS on page 68 provides information about the source that caused the wakeup or
reset.
The system can switch on and off the appropriate internal power sources, depending on how much power
is needed at any given time. The power requirement of a peripheral is directly related to its activity level,
and the activity level of a peripheral is usually raised and lowered when specific tasks are triggered or
events are generated.
5.3.3.1 Sub power modes
In System ON mode, when both the CPU and all the peripherals are in IDLE mode, the system can reside in
one of the two sub power modes.
The sub power modes are:
• Constant latency
• Low power
In constant latency mode the CPU wakeup latency and the PPI task response will be constant and kept at
a minimum. This is secured by forcing a set of base resources on while in sleep. The advantage of having a
constant and predictable latency will be at the cost of having increased power consumption. The constant
latency mode is selected by triggering the CONSTLAT task.
In low power mode the automatic power management system, described in System ON mode on page
63, ensures the most efficient supply option is chosen to save the most power. The advantage of
having the lowest power possible will be at the cost of having varying CPU wakeup latency and PPI task
response. The low power mode is selected by triggering the LOWPWR task.
When the system enters System ON mode, it will, by default, reside in the low power sub-power mode.
5.3.4 Power supply supervisor
The power supply supervisor initializes the system at power-on and provides an early warning of
impending power failure.
In addition, the power supply supervisor puts the system in a reset state if the supply voltage is too low for
safe operation (brownout). The power supply supervisor is illustrated in Power supply supervisor on page
64.
4430_161 v1.0
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com