Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF52820-QDAA-R Datasheet(PDF) 20 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 20 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 16Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 17Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 18Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 19Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 20Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 21Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 22Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 23Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 24Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 437 page
background image
Core components
4.3.4 Erasing user information configuration registers (UICR)
When erase is enabled, UICR can be erased using the ERASEUICR on page 23.
After erasing UICR, all bits in UICR are set to
1. The time it takes to erase UICR is specified by tERASEPAGE.
The CPU is halted if the CPU executes code from the flash while the NVMC performs the erase operation.
4.3.5 Erase all
When erase is enabled, flash and UICR can be erased completely in one operation by using the ERASEALL
on page 22. This operation will not erase the factory information configuration registers (FICR).
The time it takes to perform an ERASEALL command is specified by tERASEALL. The CPU is halted if the CPU
executes code from the flash while the NVMC performs the erase operation.
4.3.6 Access port protection behavior
When access port protection is enabled, parts of the NVMC functionality will be blocked in order to
prevent intentional or unintentional erase of UICR.
CTRL-AP ERASEALL NVMC ERASEPAGE NVMC ERASEPAGE
PARTIAL
NVMC ERASEALL NVMC ERASEUICR
APPROTECT
Disabled
Allowed
Allowed
Allowed
Allowed
Allowed
Enabled
Allowed
Allowed
Allowed
Allowed
Blocked
Table 5: NVMC Protection
4.3.7 NVMC power failure protection
NVMC power failure protection is possible through use of power-fail comparator that is monitoring power
supply.
If the power-fail comparator is enabled, and the power supply voltage is below VPOF threshold, the power-
fail comparator will prevent the NVMC from performing erase or write operations in non-volatile memory
(NVM).
If a power failure warning is present at the start of an NVM erase operation, the NVMC operation will be
ignored.
If a power failure warning is present at the start of an NVM write operation, the CPU will hardfault.
4.3.8 Partial erase of a page in flash
Partial erase is a feature in the NVMC to split a page erase time into shorter chunks to prevent longer CPU
stalls in time-critical applications. Partial erase is only applicable to the code area in flash memory and
does not work with UICR.
When erase is enabled, the partial erase of a flash page can be started by writing to ERASEPAGEPARTIAL
on page 23. The duration of a partial erase can be configured in ERASEPAGEPARTIALCFG on page
24. A flash page is erased when its erase time reaches tERASEPAGE. Use ERASEPAGEPARTIAL N number
of times so that N * ERASEPAGEPARTIALCFG ≥ tERASEPAGE, where N * ERASEPAGEPARTIALCFG gives the
cumulative (total) erase time. Every time the cumulative erase time reaches tERASEPAGE, it counts as one
erase cycle.
After the erase is complete, all bits in the page are set to
1. The CPU is halted if the CPU executes code
from the flash while the NVMC performs the partial erase operation.
The bits in the page are undefined if the flash page erase is incomplete, i.e. if a partial erase has started
but the total erase time is less than tERASEPAGE.
4463_156 v1.0
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com