Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS57003PLT2B2M2QE. Datasheet(PDF) 1 Page - E-SWITCH

Part # FS57003PLT2B2M2QE.
Description  FS5700 SERIES PUSHBUTTON SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

FS57003PLT2B2M2QE. Datasheet(HTML) 1 Page - E-SWITCH

  FS57003PLT2B2M2QE. Datasheet HTML 1Page - E-SWITCH FS57003PLT2B2M2QE. Datasheet HTML 2Page - E-SWITCH FS57003PLT2B2M2QE. Datasheet HTML 3Page - E-SWITCH FS57003PLT2B2M2QE. Datasheet HTML 4Page - E-SWITCH FS57003PLT2B2M2QE. Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.e-switch.com
800.867.2717
1
RoHS
Gaming: Flight Simulation
Home Appliances
Floor Care Appliances
Part Number CoNfigurator
XXX SerieS
aPPliCatioNS / marketS
Features & BeneFits
speciFications
Fs5700 series pushButton switch
Industrial Controls
Medical / Dental
*3P only available in “L” function
**Hardware only provided with “M1” termination
Specifications subject to change without notice
• SPDT, DPDT or 3PDT
• Momentary or alternate action functions
• High actuation force
• PCB mount or panel mount option
Contact Rating: 1A @ 9VDC
Electrical Life: 30,000 Cycles
Contact Resistance: 50mΩ Initial
Insulation Resistance: 100MΩ @ 500VDC
Dielectric Strength: 1000V RMS
Operating Temperature: -10°C to 70°C
Storage Temperature: -10°C to 70°C
Full Travel: SP & DP: 2.7mm; 3P: 5.0mm
Contact Arrangement: SPDT, DPDT or 3PDT
Actuation Force: Single pole momentary: 1700gf
Single pole alternate action: 1000gf
Double pole momentary: 2500gf
Double pole alternate action: 1600gf
3 pole alternate action: 3000gf
Panel Thickness: 8mm Max.
Foot Switch
FS5700
SP - Single Pole
DP - Double Pole
3P* - 3 Pole
L - Alternate
Action
M - Momentary
Series
Circuit
Function
T2 -10mm dia.
Actuator
B2 - 11.5 high
Bushing
H** - Hardware
Hardware
E - Epoxy
Sealing
Q - Silver
Contact
Material
M1 - Solder
Lug
M2 - PCB Pins
Terminal


Similar Part No. - FS57003PLT2B2M2QE.

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
FS57003PLT2B2M2QEH E-SWITCH-FS57003PLT2B2M2QEH Datasheet
738Kb / 5P
FS5700 Series Pushbutton Switch
More results

Similar Description - FS57003PLT2B2M2QE.

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437572-2 MACOM-2-1437572-2 Datasheet
105Kb / 1P
PUSHBUTTON SWITCH TPC13 SERIES
2-1437572-6 MACOM-2-1437572-6 Datasheet
105Kb / 1P
PUSHBUTTON SWITCH TPC13 SERIES
logo
Omron Electronics LLC
A22-6DG OMRON-A22-6DG Datasheet
223Kb / 13P
Pushbutton Switch
A22LHW6A11M OMRON-A22LHW6A11M Datasheet
223Kb / 13P
Pushbutton Switch
A226AR OMRON-A226AR Datasheet
223Kb / 13P
Pushbutton Switch
A2201A OMRON-A2201A Datasheet
223Kb / 13P
Pushbutton Switch
logo
C&K Components
AP2D207SZBE CK-COMPONENTS-AP2D207SZBE Datasheet
340Kb / 6P
AP Series Industrial Pushbutton Switch
logo
List of Unclassifed Man...
HE5B-M2PB ETC2-HE5B-M2PB Datasheet
417Kb / 4P
HE5B Series Pushbutton Enabling Switch
logo
E-SWITCH
LB22 E-SWITCH-LB22 Datasheet
1,022Kb / 6P
LB22 Series Pushbutton Switch
PB300 E-SWITCH-PB300 Datasheet
1Mb / 3P
Series Pushbutton Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com