Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS925 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CS925
Description  Cable Splicer Serrated Scissor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CS925 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CS925 Datasheet HTML 1Page - Infinite Electronics International, Inc. CS925 Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cable Splicer Serrated Scissor
Item # CS925
Description
For technicians needing a rugged scissor and knife set, this tool is the perfect choice. Designed
for long life and heavy usage, all surfaces are double-plated with chrome over nickel to prevent
rust and corrosion. Made with tough Forged Steel and a Coping-Style blade this tool kit will
provide years of service. The heavy-duty, genuine leather, stitched and riveted carry case
features slots for mounting on a belt. Make your next installation project go faster with L-com's
professional grade cable splicing knife and scissor set.
Features
Full-Size, High-Dielectric, red cushioned handle for comfort during usage
Tough Forged Steel, Coping-Style blade for years of service
Use for splicing wire, cutting harness ties, medium gauge wires, and electrical tape and
stripping insulation
Heavy Duty Genuine Leather Stitched and Riveted for Greater Strength
Surfaces double-plated with chrome over nickel to prevent rust and corrosion


Similar Part No. - CS925

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS92-2M CENTRAL-CS92-2M Datasheet
73Kb / 2P
SILICON CONTROLLED RECTIFIER 2.0 AMP, 600 THRU 800 VOLTS
CS92-2N CENTRAL-CS92-2N Datasheet
73Kb / 2P
SILICON CONTROLLED RECTIFIER 2.0 AMP, 600 THRU 800 VOLTS
logo
ON Semiconductor
CS9201 ONSEMI-CS9201 Datasheet
62Kb / 8P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAP
November, 2001 ??Rev. 13
CS9201 ONSEMI-CS9201 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS9201YDF8 ONSEMI-CS9201YDF8 Datasheet
62Kb / 8P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAP
November, 2001 ??Rev. 13
More results

Similar Description - CS925

ManufacturerPart #DatasheetDescription
logo
Altech corporation
38064 ALTECH-38064 Datasheet
90Kb / 1P
SPLICER TERMINAL BLOCKS
logo
PANDUIT CORP.
D-609-03 PANDUIT-D-609-03 Datasheet
90Kb / 1P
CRIMP SPLICER, STUB
D-602-0140 PANDUIT-D-602-0140 Datasheet
153Kb / 1P
CRIMP SPLICER, STUB
logo
Pasternack Enterprises,...
PE5008 PASTERNACK-PE5008 Datasheet
203Kb / 1P
PRODUCTION GRADE SCISSOR CRIMPING TOOL
logo
List of Unclassifed Man...
P100-H-250-G ETC1-P100-H-250-G Datasheet
156Kb / 1P
Plungers, Serrated
logo
Cooper Bussmann, Inc.
16000-2 COOPER-16000-2 Datasheet
1Mb / 4P
Splicer blocks
logo
Hubbell Incorporated.
BISR350FX HUBBELL-BISR350FX Datasheet
263Kb / 2P
IN-LINE SPLICER/REDUCER.
logo
Bel Fuse Inc.
SS-82120-002 BEL-SS-82120-002 Datasheet
972Kb / 1P
Category 6a Cable Splicer
logo
HellermannTyton.
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
Cable Ties and Fixings Cable Ties Outside Serrated
111-02110 HELLERMANNTYTON-111-02110 Datasheet
205Kb / 4P
Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com