Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66908 Datasheet(PDF) 21 Page - Wiha Tools

Part # 66908
Description  PROFESSIONAL HEX TOOLS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

66908 Datasheet(HTML) 21 Page - Wiha Tools

Back Button 66908 Datasheet HTML 17Page - Wiha Tools 66908 Datasheet HTML 18Page - Wiha Tools 66908 Datasheet HTML 19Page - Wiha Tools 66908 Datasheet HTML 20Page - Wiha Tools 66908 Datasheet HTML 21Page - Wiha Tools 66908 Datasheet HTML 22Page - Wiha Tools 66908 Datasheet HTML 23Page - Wiha Tools 66908 Datasheet HTML 24Page - Wiha Tools 66908 Datasheet HTML 25Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21
Metric Hex Driver, With
Precision Handle Blade high alloy CVM steel.
Item
No.
mm Inch mm Inch mm Inch
26307
0.7 0.028 40 1.6 120 4.7
26309
0.9 0.035 40 1.6 120 4.7
26313
1.3 0.05 40 1.6 120 4.7
26315
1.5 -
50 2.0 145 5.7
26320
2.0 5/64 50 2.0 145 5.7
26325
2.5 -
60 2.4 170 6.7
26330
3.0 -
60 2.4 170 6.7
26340
4.0 -
60 2.4 170 6.7
263 Metric
Wiha Hex Precision Series
8 Pc. Precision Hex Driver Set - Inch
Blade high alloy CVM steel. Hard chrome
finished. In canvas storage pouch
Item
Inch: 0.028, 0.035,
No.
0.05, 1/16, 5/64,
lbs.
26399
3/32, 7/64, 1/8”
.55
26399
7 Pc. Precision Hex Driver Set -
Metric Blade high alloy CVM steel.
Item
Metric:
No.
0.7, 0.9, 1.3, 1.5,
lbs.
26390
2.0, 2.5, 3.0mm
.28
26390
Inch Hex Driver, With Precision
Handle Blade high alloy CVM steel.
Item
No.
Inch mm mm Inch mm Inch
26307
.028 0.7 40 1.6 120 4.7
26309
.035 0.9 40 1.6 120 4.7
26313
0.05 1.3 40 1.6 120 4.7
26316
1/16 -
50 2.0 145 5.7
26320
5/64 2.0 50 2.0 145 5.7
26323
3/32 -
60 2.4 170 6.7
26327
7/64 -
60 2.4 170 6.7
26331
1/8
-
60 2.4 170 6.7
26333
9/64
60 2.4 170 6.7
26336
5/32
60 2.4 170 6.7
263 Inch
8 Pc. Precision Hex Driver Set -
Inch Blade high alloy CVM steel.
Item
Inch:
No.
0.028, 0.035, 0.05,
lbs.
26391
1/16, 5/64, 3/32,
.32
7/64, 1/8”
26391
Ball End Hex Metric Screwdriver
With Precision Handle Angle entry up to 30°
Item
No.
mm Inch mm Inch mm Inch
26413 1.3 0.05 40 1.6 120 4.7
26415 1.5 -
50 2.0 145 5.7
26420 2.0 -
50 2.0 145 5.7
26425 2.5 -
60 2.4 170 6.7
26430 3.0 -
60 2.4 170 6.7
26440 4.0
60 2.4 170 6.7
5 Piece Ball End Hex Driver Set -
Metric Angle entry up to 30°
Item
Metric:
No.
1.3, 1.5, 2.0,
lbs.
26491
2.5, 3.0mm
.31
26491
264 Metric
30°
Wiha Ball End Metric Hex Precision Series
*Metric dimensions actual -
Inch dimensions approximate
*Metric dimensions actual -
Inch dimensions approximate
Ball End Hex Inch Screwdriver
With Precision Handle Angle entry up to 30°.
Blade high alloy CVM steel. Hard chrome finish.
Item
No.
Inch mm Inch mm Inch
26413
0.05 40
1.6
120 4.7
26416
1/16 50
2.0
145 5.7
26419
5/64 50
2.0
145 5.7
26423
3/32 50
2.0
145 5.7
26427
7/64 60
2.4
170 6.7
26431
1/8
60
2.4
170 6.7
26436
9/64 60
2.4
170 6.7
26439
5/32 60
2.4
170 6.7
8 Pc. Ball End Hex Driver Set - Inch
Angle entry up to 30°. Blade high alloy CVM steel.
Item
Inch: 0.05. 1/16,
No.
5/64, 3/32, 7/64,
lbs.
26490
1/8, 9/64, 5/32”
.40
26490
264 Inch
30°
Ball End Precision Series
8 Pc. Ball End Hex Driver Set - Inch
In canvas storage pouch
Item
Inch: 0.05, 1/16,
No.
5/64, 3/32, 7/64,
lbs.
26499
1/8, 9/64, 5/32”
.62
26499
*Metric dimensions actual -
Inch dimensions approximate
*Metric dimensions actual -
Inch dimensions approximate
Rugged Polyester Canvas Storage
Pouch Holds 8 Precision Tools up to 170mm
in length. Folding pouch. Has security flaps
and velcro closer.
Item
No.
Size
lbs. pkg.
91118
14 1/2” W x 7 3/4” L
.13
1
91118
www.wihatools.com
lbs. pkg.
.02 10
.02 10
.02 10
.03 10
.03 10
.04 10
.04 10
.05 10
lbs. pkg.
.02 10
.02 10
.02 10
.03 10
.03 10
.04 10
.04 10
.04 10
.05 10
.05 10
lbs. pkg.
.02 10
.03 10
.03 10
.04 10
.05 10
.05 10
lbs. pkg.
.02 10
.03 10
.03 10
.03 10
.03 10
.05 10
.05 10
.05 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com