Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33448 Datasheet(PDF) 33 Page - Wiha Tools

Part # 33448
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33448 Datasheet(HTML) 33 Page - Wiha Tools

Back Button 33448 Datasheet HTML 29Page - Wiha Tools 33448 Datasheet HTML 30Page - Wiha Tools 33448 Datasheet HTML 31Page - Wiha Tools 33448 Datasheet HTML 32Page - Wiha Tools 33448 Datasheet HTML 33Page - Wiha Tools 33448 Datasheet HTML 34Page - Wiha Tools 33448 Datasheet HTML 35Page - Wiha Tools 33448 Datasheet HTML 36Page - Wiha Tools 33448 Datasheet HTML 37Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
33
Bit-Selector Sets
These handy sets include 10 hardened bits of chrome-vanadium-
molybdenum steel. 1/4” magnetic bit holder can be used in power
tools. Plastic storage box is compact, durable and light weight.
Molded hex cavity turns box into handle for quick fastening jobs.
Quick bit access with slide out drawer. Packaged in clear blister pack.
Wiha Bit Selectors
Compact size and easy bit selection make the
Bit Selector an ideal maintenance tool
Slide out
drawer
allows quick
bit access and
secure storage
Plastic storage
box is compact,
durable and
light weight
1/4” Magnetic
Adapter fits all
standard 1/4” bits
Molded hex cavity in box end
Magnetic adapter fits into opening
so tool case can be used as a
handle on quick fastening jobs
792 Sets
79246
Bit-Selector With Hex Metric Bits. Set Includes Magnetic
1/4” Bit Holder & The Following 10 Bits:
Hex Inch: 1/16, 5/64, 3/32,
lbs.
7/64, 1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
.32
79256
Bit-Selector With Hex Metric Bits. Set Includes Magnetic
1/4” Bit Holder & The Following 8 Bits:
Hex Metric: 1.5, 2.0, 2.5, 3.0,
lbs.
4.0, 5.0, 6.0, 8.0mm
.30
79266
Bit-Selector With Security Hex Inch Bits. Set Includes
Magnetic 1/4” Bit Holder & The Following 9 Bits:
Hex Inch: 5/64, 3/32, 7/64,
lbs.
1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
.31
79276
Bit-Selector With Ball End Hex Inch Bits. Set Includes
Magnetic 1/4” Bit Holder & The Following 8 Bits:
Ball End Hex Inch: 3/32, 7/64, 1/8,
lbs.
9/64, 5/32, 3/16, 7/32, 1/4”
.30
Item
#79246
71399
Bit-Selector With Metric & Inch MagicRing Insert 1/4” Bits
Set Includes Magnetic 1/4” Bit Holder
& The Following 10 Bits:
lbs.
No Ball End
.46
Hex Metric: 3.0, 4.0, 5.0, 6.0mm
Hex Inch: 1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
MagicRing
MagicRing Metric Insert Bits, 1/4”
Item
No.
mm
mm
pkg.
lbs.
71304
3.0
25
1
.01
71307
4.0
25
1
.01
71310
5.0
25
1
.01
71311
6.0
25
1
.01
713
MagicRing Inch Insert Bits, 1/4”
Item
No.
Inch
mm
pkg.
lbs.
71343
1/8
25
1
.01
71346
9/64
25
1
.01
71349
5/32
25
1
.01
71352
3/16
25
1
.01
71354
7/32
25
1
.01
71358
1/4
25
1
.01
713
Wiha MagicRing Insert Bits
Screw Holding Hex Bits
MagicRing Inch Power Bits, 1/4”
Item
No.
mm
mm
pkg.
lbs.
74369
1/8
50
1
.02
74371
9/64
50
1
.02
74373
5/32
50
1
.02
74375
3/16
50
1
.03
74377
7/32
50
1
.03
74379
1/4
50
1
.03
743
MagicRing Metric Power Bits, 1/4”
Item
No.
mm
mm
pkg.
lbs.
74301
3.0
50
1
.02
74305
4.0
50
1
.02
74307
5.0
50
1
.03
74319
6.0
50
1
.03
743
Screw
Holding
Wiha MagicRing Power Bits
Screw Holding Hex Bits
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com