Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5970D_0710 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L5970D_0710
Description  Up to 1A step down switching regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5970D_0710 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L5970D_0710 Datasheet HTML 5Page - STMicroelectronics L5970D_0710 Datasheet HTML 6Page - STMicroelectronics L5970D_0710 Datasheet HTML 7Page - STMicroelectronics L5970D_0710 Datasheet HTML 8Page - STMicroelectronics L5970D_0710 Datasheet HTML 9Page - STMicroelectronics L5970D_0710 Datasheet HTML 10Page - STMicroelectronics L5970D_0710 Datasheet HTML 11Page - STMicroelectronics L5970D_0710 Datasheet HTML 12Page - STMicroelectronics L5970D_0710 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
L5970D
Application circuit
9/16
5
Application circuit
Figure 14. Demo board application circuit
Table 5. Component list
Reference
Part number
Description
Manufacturer
C1
GRM32DR61E106KA12L
10
µF, 25V
MURATA
C2
POSCAP 10TPB100M
100
µF, 10V
Sanyo
C3
C1206C221J5GAC
220pF, 5%, 50V
KEMET
C4
C1206C223K5RAC
22nF, 10%, 50V
KEMET
R1
5.6K, 1%, 0.1W 0603
Neohm
R2
3.3K, 1%, 0.1W 0603
Neohm
R3
4.7K, 1%, 0.1W 0603
Neohm
D1
STPS2L25U
2A, 25V
STMicroelectronics
L1
DO3316P-333
33
µH, 2A
COILCRAFT
D03IN1437
8
2
4
5
1
7
L5970D
C1
10
µF
25V
CERAMIC
C2
100
µF
10V
VOUT=3.3V
VIN = 4.4V to 25V
R1
5.6K
R2
3.3K
R3
4.7K
C4
22nF
C3
220pF
3
6
D1
STPS2L25U
3.3V
INH.
SYNC.
COMP
VCC
VREF
OUT
FB
GND
L1 33
µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com