Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33/9 Datasheet(PDF) 1 Page - Multicomp Pro

Part # 33/9
Description  Box Compartment
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

33/9 Datasheet(HTML) 1 Page - Multicomp Pro

  33/9 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
08/06/22
Box Compartment
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Specifications
Box Type
: Tool Cabinet
Box Material
: PP (Polypropylene)
External Height
: 42mm
External Width
: 215mm
External Depth
: 207mm
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
9-Compartment, Box, PP
33/9


Similar Description - 33/9

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
NPAK-0080 RALSTON-NPAK-0080 Datasheet
206Kb / 1P
NPAK gauge compartment with foam liner
logo
Adam Technologies, Inc.
BHRE-XX-VSG-165-765-10 ADAM-TECH-BHRE-XX-VSG-165-765-10 Datasheet
81Kb / 1P
BOX HEADER
BHR-XX-HSGA ADAM-TECH-BHR-XX-HSGA Datasheet
85Kb / 1P
BOX HEADER
BHR-XX-HUA ADAM-TECH-BHR-XX-HUA Datasheet
83Kb / 1P
BOX HEADER
BHR-XX-VSGA-SMT ADAM-TECH-BHR-XX-VSGA-SMT Datasheet
89Kb / 1P
BOX HEADER
BHR-XX-VTA ADAM-TECH-BHR-XX-VTA Datasheet
82Kb / 1P
BOX HEADER
logo
Ralston Instruments.
NPAK-2FBA-6-3 RALSTON-NPAK-2FBA-6-3_16 Datasheet
427Kb / 1P
Includes storage compartment in control panel for pressure reference test gauge
logo
PHOENIX CONTACT
2701204 PHOENIX-2701204 Datasheet
55Kb / 2P
Control box - FL RUGGED BOX
logo
BusBoard Prototype Syst...
PR1593P BUSBOARD-PR1593P Datasheet
193Kb / 2P
A prototyping board designed for the Hammond 1593P handheld enclosure with battery compartment.
Rev 4.00
PR1593Q BUSBOARD-PR1593Q Datasheet
224Kb / 2P
A prototyping board designed for the Hammond 1593Q handheld enclosure with battery compartment.
Rev 4.00
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com