Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

55-2984. Datasheet(PDF) 1 Page - Multicomp Pro

Part # 55-2984.
Description  18” Woofer 700 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

55-2984. Datasheet(HTML) 1 Page - Multicomp Pro

  55-2984. Datasheet HTML 1Page - Multicomp Pro 55-2984. Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
31/05/22
18” Woofer
700 Watts
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Specifications
Nominal Diameter
: 18″
Rated Impedance
: 8Ω
Operating Bandwidth
: 30-2.5k Hz(-3dB)
Power Handling Capacity : 700 Watts
Sensitivity (1W/M)
: 99dB (±3dB)
Voice Coil Diameter
: 4″
Thiele/Small Parameters
Resonance Frequency
Fs:
27.118Hz
DC Resistance
Re:
6.3Ω
Mechanical Q Factor
Qms:
2.7604
Electrical Q Factor
Qes:
0.4683
Total Q Factor
Qts:
0.4004
Equivalent Cas air load
Vas:
473.84 L
Surface Area of Cone
Sd:
0.1225 m2
Efficiency Bandwidth Product EBP
67.7
Voice Coil Over Hang
X-max 7mm
Physical Information
Basket
: Cast Aluminium
Magnet Type
: 100 Oz
Cone Material
: Non-press Paper
Surround
: Cloth
Dust Cap
: PP
Damper
: Cloth
Speaker Specifications


Similar Part No. - 55-2984.

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
55-2961 MULTICOMP-55-2961 Datasheet
267Kb / 2P
Woofer
15/12/23
More results

Similar Description - 55-2984.

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AIF25R48 ASTEC-AIF25R48 Datasheet
109Kb / 2P
700 Watts
APE12 ASTEC-APE12 Datasheet
356Kb / 2P
18 Watts
logo
Sparkle Power Inc.
SPI700A8BB SPI-SPI700A8BB Datasheet
51Kb / 1P
700 Watts ATX12V Switching Power Supply
logo
Powerbox
SM700 POWERBOX-SM700 Datasheet
150Kb / 2P
600-700 WATTS PROGRAMMABLE DC SUPPLY
logo
Sparkle Power Inc.
R-SPI700GHN SPI-R-SPI700GHN Datasheet
526Kb / 1P
700 Watts EPS12V & ATX12V Switching Power Supply
logo
SL Power Electronics
MAX-700 SLPOWER-MAX-700 Datasheet
85Kb / 2P
700, 750 WATTS MULTIPLE OUTPUT
MSC-750 SLPOWER-MSC-750 Datasheet
85Kb / 2P
700, 750 WATTS MULTIPLE OUTPUT
logo
Sparkle Power Inc.
FSP700-80EGN SPI-FSP700-80EGN Datasheet
98Kb / 1P
700 Watts ATX12V 2.3 Switching Power Supply
FSP700-92MPB SPI-FSP700-92MPB Datasheet
124Kb / 1P
700 Watts ATX12V, Medical Grade Power Supply
logo
Artesyn Technologies
AGF700-48S30LT ARTESYN-AGF700-48S30LT Datasheet
861Kb / 3P
POWER 700 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com