Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2852MP Datasheet(PDF) 2 Page - Analog Devices

Part # LTC2852MP
Description  3.3V 20Mbps RS485/RS422 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2852MP Datasheet(HTML) 2 Page - Analog Devices

  LTC2852MP Datasheet HTML 1Page - Analog Devices LTC2852MP Datasheet HTML 2Page - Analog Devices LTC2852MP Datasheet HTML 3Page - Analog Devices LTC2852MP Datasheet HTML 4Page - Analog Devices LTC2852MP Datasheet HTML 5Page - Analog Devices LTC2852MP Datasheet HTML 6Page - Analog Devices LTC2852MP Datasheet HTML 7Page - Analog Devices LTC2852MP Datasheet HTML 8Page - Analog Devices LTC2852MP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTC2850/LTC2851/LTC2852
2
285012fe
For more information www.linear.com/LTC2850
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ................................... –0.3V to 7V
Logic Input Voltages (RE, DE, DI) ................ –0.3V to 7V
Interface I/O:
A, B, Y, Z.......................................(VCC – 15V) to 15V
Receiver Output Voltage (RO) .......–0.3V to (VCC + 0.3V)
(Note 1)
PIN CONFIGURATION
Operating Temperature (Note 4)
LTC285xC ................................................ 0°C to 70°C
LTC285xI .............................................–40°C to 85°C
LTC285xH .......................................... –40°C to 125°C
LTC285xMP ....................................... –55°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP ...............................................................300°C
LTC2850
TOP VIEW
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
5
9
6
7
8
4
3
2
1
RO
RE
DE
DI
VCC
B
A
GND
TJMAX = 150°C, θJA = 43°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
RO
RE
DE
DI
8
7
6
5
VCC
B
A
GND
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 200°C/W, θJC = 40°C/W
1
2
3
4
8
7
6
5
TOP VIEW
VCC
B
A
GND
RO
RE
DE
DI
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 150°C/W, θJC = 39°C/W
LTC2851
TOP VIEW
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
VCC
RO
DI
GND
A
B
Z
Y
9
TJMAX = 150°C, θJA = 43°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
VCC
RO
DI
GND
8
7
6
5
A
B
Z
Y
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 200°C/W, θJC = 40°C/W
1
2
3
4
8
7
6
5
TOP VIEW
A
B
Z
Y
VCC
RO
DI
GND
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 150°C/W, θJC = 39°C/W
LTC2852
TOP VIEW
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
10
11
9
6
7
8
4
5
3
2
1
VCC
A
B
Z
Y
RO
RE
DE
DI
GND
TJMAX = 150°C, θJA = 43°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
RO
RE
DE
DI
GND
10
9
8
7
6
VCC
A
B
Z
Y
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 120°C/W, θJC = 45°C/W
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
RO
RE
DE
DI
GND
GND
VCC
NC
A
B
Z
Y
NC
TJMAX = 150°C, θJA = 88°C/W, θJC = 37°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com