Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV3402613 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AV3402613
Description  Subminiature Size Switches with Excellent Operating Position Accuracy
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AV3402613 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button AV3402613 Datasheet HTML 2Page - Panasonic Semiconductor AV3402613 Datasheet HTML 3Page - Panasonic Semiconductor AV3402613 Datasheet HTML 4Page - Panasonic Semiconductor AV3402613 Datasheet HTML 5Page - Panasonic Semiconductor AV3402613 Datasheet HTML 6Page - Panasonic Semiconductor AV3402613 Datasheet HTML 7Page - Panasonic Semiconductor AV3402613 Datasheet HTML 8Page - Panasonic Semiconductor AV3402613 Datasheet HTML 9Page - Panasonic Semiconductor AV3402613 Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AV3/AVM3/AVT3/AVL3 (FS/FS-T) Subminiature Switches
–6–
AECTB10E 201601-T
SPECIFICATIONS
■ Contact rating
Note: Time constant shall be less than 7 msec. for DC inductive loads.
• Contact material reference chart classified by load voltage & current
Note: If the contact is being used in the constant low-level circuit load range, the Au-clad double layer contact type is recommended. If there is a danger of the current being
less than 0.5 A, for instance if the contact is being turned on and off, the Au-clad triple layer contact type is recommended.
■ Characteristics
Note: Test conditions and judgement are complying with “NECA C4505”.
Type
Standard version
Long life version
Contact
specification
AgNi alloy contact type
Plunger color: Black
Au-clad contact type
AgNi alloy contact type
Plunger color: Black
Au-clad contact type
Triple layer
contact type
Plunger color:
Red
Double layer
contact type
For low-level
circuit
Plunger color:
Green
Triple layer
contact type
Plunger color:
Red
Double layer
contact type
For low-level
circuit
Plunger color:
Green
Load style
Contact
voltage
Resistive load
(cos
φ]1)
Inductive load
(cos
φ]0.6 to 0.7)
Resistive load
(cos
φ]1)
Inductive load
(cos
φ]1)
Resistive load
(cos
φ]1)
Inductive load
(cos
φ]0.6 to 0.7)
Resistive load
(cos
φ]1)
Inductive load
(cos
φ]1)
125V AC
3A
2A
0.1A
—
5A
3A
0.1A
—
250V AC
3A
2A
0.1A
—
5A
3A
0.1A
—
30V DC
3A
2A
0.1A
0.1A
5A
3A
0.1A
0.1A
125V DC
0.4A
0.05A
—
—
0.4A
0.05A
—
—
Item
Standard version
Long life version
Test condition
AgNi alloy contact
type
Au-clad contact
type
AgNi alloy contact
type
Au-clad contact
type
Expected
life
Mechanical life
Min. 5
× 105 (OTmax.)
Min. 3
× 107 (OT: Specified value)
Min. 107 (OTmax.)
at 60 cpm
Electrical life
Min. 5
× 104
Min. 2
× 105
5
× 104
2
× 105
at 20 cpm, at rated load, OT max.
Insulation resistance
Min.100M
Ω
at 500V DC
Dielectric
strength
Between non-continuous
terminals
1,000 Vrms
Between each terminal and
other exposed metal parts
1,500 Vrms
Between each terminal and
ground
1,500 Vrms
Contact resistance (Initial)
Max. 50 m
Ω
Max. 100 m
Ω
Max. 50 m
Ω
Max. 50 m
Ω
Ag alloy contact type: by voltage drop 1 A,
6 to 8V DC
Au-clad contact type: by voltage drop 0.1 A,
6 to 8V DC
Vibration resistance (Pin plunger type)
10 to 55 Hz at single amplitude of 0.75mm
Contact opening: Max. 1 msec.
Shock resistance (Pin plunger type)
294 m/s2 min.
(OF 0.98 N type)
147 m/s2 min.
(OF 0.49 N type)
294 m/s2 min.
(OF 0.98 N type)
147 m/s2 min.
(OF 0.49 N type)
49 m/s2 min.
(OF 0.25 N type)
Min. 294 m/s2
Min. 294 m/s2
Contact opening: 1 msec. max.
Allowable operating speed (no load)
0.1 to 1,000 mm/sec.
Max.operating cycle rate (no load)
300 cpm
Ambient temperature
–25
°C to +85°C
no freezing and condensing
Unit weight
Approx.2g
Protection grade
IP40
(Common for FS type and FS-T type)
Au-clad double layer
contact type
1mA
DC
AC
5
5
15
30V
30
250V
100mA
3A
0
AgNi alloy
Au-clad triple layer contact type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com