Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10 Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST10
Description  16-BIT MCU WITH 128KBYTE FLASH MEMORY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST10 Datasheet HTML 28Page - STMicroelectronics ST10 Datasheet HTML 29Page - STMicroelectronics ST10 Datasheet HTML 30Page - STMicroelectronics ST10 Datasheet HTML 31Page - STMicroelectronics ST10 Datasheet HTML 32Page - STMicroelectronics ST10 Datasheet HTML 33Page - STMicroelectronics ST10 Datasheet HTML 34Page - STMicroelectronics ST10 Datasheet HTML 35Page - STMicroelectronics ST10 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
ST10F163
32/58
Read/Write active current 4
IRWL
6)
-500
µAVOUT =VOLmax
ALE inactive current 4
IALEL
5
40
µAVOUT =VOLmax
ALE active current 4
IALEH
6
500
µAVOUT = 2.4 V
Port 6 inactive current 4
IP6H
5
-40
µAVOUT = 2.4 V
Port 6 active current4
IP6L
6
-500
µAV
OUT =VOL1max
PORT0 configuration current 4
IP0H
5
-10
µAV
IN =VIHmin
IP0L
6
-100
µAVIN =VILmax
XTAL1 input current
IIL
CC
±20
µA0 V < VIN <VDD
Pin capacitance 4 (digital inputs/outputs)
CIO
CC
10
pF
f = 1 MHz
TA =25 °C
Power supply current
ICC
–20 +
3.5 * fCPU
mA
RSTIN = VIL2
fCPU in [MHz]
7)
Idle mode supply current
IID
–10 +
1.2 * fCPU
mA
RSTIN = VIH1
fCPU in [MHz]
8)
Power-down mode supply current
IPD
–50
µA
VDD = 5.5 V
9)
1. ST10F163 pins are equipped with Low-Noise output drivers, which significantly improve the device’s EMI performance. These Low-Noise
drivers deliver their maximum current only until the respective target output level is reached. After that, the output current is reduced. This
results in an increased impedance of the driver, which attenuates electrical noise from the connected PCB tracks. The current specified in
column “Test Conditions” is delivered in any case.
2. This specification is not valid for outputs which are switched to open drain mode. In this case the respective output will float and the voltage
results from the external circuitry.
3. Not 100% tested, guaranteed by design characterization.
4. This specification is only valid during Reset, or during Hold- or Adapt-mode. Port 6 pins are only affected, if they are used for CS output
and the open drain function is not enabled.
5. The maximum current may be drawn while the respective signal line remains inactive.
6. The minimum current must be drawn in order to drive the respective signal line active.
7. The power supply current is a function of the operating frequency. This dependency is illustrated in the figure below. These parameters
are tested at VDDmax and 25 MHz CPU clock with all outputs disconnected and all inputs at VIL or VIH. The chip is configured with a demux
16-bit bus, direct clock drive, 5 chip select lines and 2 segment address lines, EA pin is low during reset. After reset, Port0 is driven with
the value ‘00CCh’ that produces infinite execution of NOP instruction with 15 wait-state, R/W delay, memory tristate waitstate, normal ALE.
Peripherals are not activated.
8. Idle mode supply current is a function of the operating frequency. This dependency is illustrated in the figure below. These parameters are
tested at VDDmax and 25 MHz CPU clock with all outputs disconnected and all inputs at VIL or VIH.
9. This parameter is tested including leakage currents. All inputs (including pins configured as inputs) at 0 V to 0.1 V or at VDD – 0.1 V to VDD,
VREF = 0 V, all outputs (including pins configured as outputs) disconnected.
Table 15 : DC Characteristics (continued)
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com