Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2816508 Datasheet(PDF) 1 Page - Labfacility Ltd

Part # 2816508
Description  Platinum Resistance Pt100 4 wire class B Resistance Thermometer with DIN B Head
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

2816508 Datasheet(HTML) 1 Page - Labfacility Ltd

  2816508 Datasheet HTML 1Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
•
Pt100 probe with DIN B terminal head
•
Class B, 4 wire connec on
•
Various probe available lengths
•
6.0mm diameter in 316 stainless steel
•
With Stainless steel plug
•
Sensor temperature ra ng -
50°C to +450°C
•
Conforms to IEC 751
Specifica ons
Sensor type:
Pt100 (100 Ohms @ 0°C) to IEC 751, Class B, 4 wire
Construc on:
6.0mm diameter stem in 316 stainless steel
Termina on:
IP67 DIN B connec on head
Process connec on:
Stainless Steel plug
Cable Entry:
PG16
Probe temperature range:
-
50°C to +450°C (connec on head @ 170°C)
Pla num Resistance Pt100 4 wire class B Resistance Thermometer with DIN B
Head
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors.
Quality and Service are key
elements in the con nued growth
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
accredita on.
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
FAR185-0
320 Pla num Resistance Pt100 4 wire class B Resistance Thermometer with DIN B Head
Probe DiaØ
Probe length
Order code
6.0mm
500mm
2816508


Similar Part No. - 2816508

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
2816500 LABFACILITY-2816500 Datasheet
396Kb / 1P
Platinum Resistance Pt100 Probe with Terminal Head
2816501 LABFACILITY-2816501 Datasheet
396Kb / 1P
Platinum Resistance Pt100 Probe with Terminal Head
2816502 LABFACILITY-2816502 Datasheet
396Kb / 1P
Platinum Resistance Pt100 Probe with Terminal Head
More results

Similar Description - 2816508

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
22810 RHOPOINT-22810 Datasheet
126Kb / 1P
PT100 Platinum resistance temperature detector
logo
Fuji Electric
EDS2-21C FUJI-EDS2-21C Datasheet
340Kb / 10P
PLATINUM RESISTANCE BULB FOR GENERAL USE
EDS2-24A FUJI-EDS2-24A Datasheet
83Kb / 2P
SHEATH TYPE PLATINUM RESISTANCE THERMOMETER BULB
logo
List of Unclassifed Man...
DM-301 ETC2-DM-301 Datasheet
3Mb / 16P
THERMOCOUPLE & RESISTANCE THERMOMETER SENSORS & PROBES
logo
RHOPOINT COMPONENTS
22810-1-B RHOPOINT-22810-1-B Datasheet
80Kb / 1P
Platinum Resistance Temperature Detector
logo
PHOENIX CONTACT
2864286 PHOENIX-2864286 Datasheet
99Kb / 6P
Resistance thermometer measuring transducer - MINI MCR-SL-PT100-UI-SP-NC
2810418 PHOENIX-2810418 Datasheet
65Kb / 3P
Resistance thermometer measuring transducer - MCR-PT100-UNC
2810421 PHOENIX-2810421 Datasheet
64Kb / 3P
Resistance thermometer measuring transducer - MCR-PT100-INC
logo
TT Electronics.
DS2101 TTELEC-DS2101 Datasheet
477Kb / 2P
Averaging Multi Resistance Thermometer (MRT)
logo
WAGO Kontakttechnik Gmb...
753-460 WAGO-753-460 Datasheet
351Kb / 10P
4-channel analog input; For Pt100/RTD resistance sensors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com