Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F268 Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST10F268
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F268 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST10F268 Datasheet HTML 51Page - STMicroelectronics ST10F268 Datasheet HTML 52Page - STMicroelectronics ST10F268 Datasheet HTML 53Page - STMicroelectronics ST10F268 Datasheet HTML 54Page - STMicroelectronics ST10F268 Datasheet HTML 55Page - STMicroelectronics ST10F268 Datasheet HTML 56Page - STMicroelectronics ST10F268 Datasheet HTML 57Page - STMicroelectronics ST10F268 Datasheet HTML 58Page - STMicroelectronics ST10F268 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 74 page
background image
ST10F168
55/74
20.5.4 - Prescaler Operation
When pins P0.15-13 (P0H.7-5) equal ’001’ during
reset, the CPU clock is derived from the internal
oscillator (input clock signal) by a 2:1 prescaler.
The frequency of fCPU is half the frequency of
fXTAL and the high and low time of fCPU (i.e. the
duration of an individual TCL) is defined by the
period of the input clock fXTAL.
The timings listed in the AC Characteristics that
refer to TCL therefore can be calculated using the
period of fXTAL for any TCL.
Note that if the bit OWDDIS in SYSCON register
is cleared, the PLL runs on its free-running
frequency and delivers the clock signal for the
Oscillator Watchdog. If bit OWDDIS is set, then
the PLL is switched off.
20.5.5 - Direct Drive
When pins P0.15-13 (P0H.7-5) equal ’011’ during
reset the on-chip phase locked loop is disabled and
the CPU clock is directly driven from the internal
oscillator with the input clock signal.
The
frequency
of fCPU directly follows the
frequency of fXTAL so the high and low time of fCPU
(i.e. the duration of an individual TCL) is defined
by the duty cycle of the input clock fXTAL.
Therefore, the timings given in this chapter refer to
the minimum TCL. This minimum value can be
calculated by the following formula:
For two consecutive TCLs, the deviation caused
by the duty cycle of fXTAL is compensated, so the
duration of 2TCL is always 1/fXTAL. The minimum
value TCLmin has to be used only once for timings
that require an odd number of TCLs (1,3,...).
Timings that require an even number of TCLs
(2,4,...) may use the formula:
Note:
The address float timings in Multiplexed
bus mode (t11 and t45) use the maximum
duration of TCL (TCLmax = 1/fXTAL x
DCmax) instead of TCLmin.
If bit OWDDIS in the SYSCON register is cleared,
the PLL runs on its free-running frequency and
delivers
the
clock
signal
for
the
Oscillator
Watchdog. If bit OWDDIS is set, then the PLL is
switched off.
20.5.6 - Oscillator Watchdog (OWD)
When the clock option selected is direct drive or
direct drive with prescaler, in order to provide a fail
safe mechanism in case of a loss of the external
clock, an oscillator watchdog is implemented as
an additional functionality of the PLL circuitry. This
oscillator watchdog operates as follows :
After a reset, the Oscillator Watchdog is enabled
by default. To disable the OWD, the bit OWDDIS
(bit 4 of SYSCON register) must be set.
When the OWD is enabled, the PLL runs on its
free-running
frequency,
and
increments
the
Oscillator Watchdog counter. On each transition
of XTAL1 pin, the Oscillator Watchdog is cleared.
If an external clock failure occurs, then the
Oscillator Watchdog counter overflows (after 16
PLL clock cycles). The CPU clock signal will be
switched to the PLL free-running clock signal, and
the
Oscillator
Watchdog
Interrupt
Request
(XP3INT) is flagged. The CPU clock will not switch
back to the external clock even if a valid external
clock exits on XTAL1 pin. Only a hardware reset
can switch the CPU clock source back to direct
clock input.
When the OWD is disabled, the CPU clock is
always fed from the oscillator input and the PLL is
switched off to decrease power supply current.
20.5.7 - Phase Locked Loop
For all other combinations of pins P0.15-13
(P0H.7-5) during reset the on-chip phase locked
loop is enabled and provides the CPU clock (see
Table 23).
The PLL multiplies the input frequency by the
factor F which is selected via the combination of
pins P0.15-13 (i.e. fCPU = fXTAL x F). With every
F’th
transition
of
fXTAL
the
PLL
circuit
synchronizes the CPU clock to the input clock.
This synchronization is done smoothly, i.e. the
CPU clock frequency does not change abruptly.
Due to this adaptation to the input clock the
frequency of fCPU is constantly adjusted so it is
locked to fXTAL. The slight variation causes a jitter
of fCPU which also effects the duration of
individual TCL.
The timings listed in the AC Characteristics that
refer to TCL therefore must be calculated using
the minimum TCL that is possible under the
respective circumstances.
TCL
mi n
1f
XT AL
DC
min
×
=
DC
duty cycle
=
2T CL
1 f
XTAL
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com