Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2170913 Datasheet(PDF) 2 Page - Lapp.

Part # 2170913
Description  ETHERLINE® FIRE Cat. 6A PH120 4X2XAWG22/1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170913 Datasheet(HTML) 2 Page - Lapp.

  2170913 Datasheet HTML 1Page - Lapp. 2170913 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2170913
DATA SHEET
valid from:
02.12.2019
4X2XAWG22/1
Creator:
KIOS / PDC
Released:
ALTE / PDC
Document: DB2170913EN
Version:
1
Page 2 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Electrical transmission properties at 20°C
The minimum transmission properties have to meet the Cat.6 specification of IEC 61156-5.
Requirements before EN 50200 and EN 50289-4-16 requirements after EN 50200
f [MHz]
1*
4
10
16
100
155
250
max. Att. std. [dB/100m]
2.1
3.8
6.0
7.6
19.9
25.3
33
max. Att. before EN50200
1.9
3.6
5.6
7.1
18.7
23.8
30.9
max. Att. after EN50200
2.1
3.7
5.8
7.4
19.7
24.6
32
min. PS NEXT std. [dB]
72.3
63.3
57.3
54.2
42.3
39.4
36.3
min. PS NEXT before EN 50200
80
74
70
66
53
50
42
min. PS NEXT after EN 50200
77
71
67
63
50
47
39
min. PS EL-FEXT std. [dB/100m]
65
53
45
39
25
21.2
17
min. PS EL-FEXT before EN50200
75
70
66
63
45
39
31
min. PS EL-FEXT after EN50200
72
67
63
60
42
36
28
min. RL std. [min dB]
---
23
25
25
20.1
18.8
17.3
min. RL before EN 50200
24
26
26
28
25
23
20
min. RL after EN 50200
>22
>21
>21
>20
>10
>10
>10
Mechanical and thermal properties
Minimum bending radius
fixed installation: 15 x cable Ø
Temperature range
fixed installation: -20˚ C up to +70˚ C
Flammability
Flame retardant acc. to
IEC 60332-1-2; IEC 60322-3-24
Halogen free
acc. to EN 50267-2-1, IEC 60754-1
Corrosivity of gases
acc. to EN 50267-2-2, IEC 60754-2
Smoke density
acc. to IEC 61034-2
General requirements
This cable is conform to the EU-Directive 2011/65/EU
(RoHS, Restriction of the use of certain hazardous substances).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com