Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL4154 Datasheet(PDF) 1 Page - Vaishali Semiconductor

Part # LL4154
Description  Fast Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

LL4154 Datasheet(HTML) 1 Page - Vaishali Semiconductor

  LL4154 Datasheet HTML 1Page - Vaishali Semiconductor LL4154 Datasheet HTML 2Page - Vaishali Semiconductor LL4154 Datasheet HTML 3Page - Vaishali Semiconductor LL4154 Datasheet HTML 4Page - Vaishali Semiconductor LL4154 Datasheet HTML 5Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VISHAY
LL4154
Document Number 85560
Rev. 1.6, 06-Apr-04
Vishay Semiconductors
www.vishay.com
1
94 9371
Fast Switching Diode
Features
• Silicon Epitaxial Planar Diodes
• Electrical data identical with the device 1N4154
Applications
Extreme fast switchess
Mechanical Data
Case: MiniMELF Glass Case (SOD-80)
Weight: approx. 30 mg
Cathode Band Color: Black
Packaging Codes/Options:
GS18 / 10 k per 13" reel (8 mm tape), 10 k/box
GS08 / 2.5 k per 7" reel (8 mm tape), 12.5 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Part
Type differentiation
Ordering code
Remarks
LL4154
VRRM = 35 V
LL4154-GS18 or LL4154-GS08
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
35
V
Reverse voltage
VR
25
V
Peak forward surge current
tp = 1 µsIFSM
2A
Repetitive peak forward current
IFRM
500
mA
Forward current
IF
300
mA
Average forward current
VR = 0
IFAV
150
mA
Power dissipation
PV
500
mW
Parameter
Test condition
Symbol
Value
Unit
Junction ambient
on PC board
50 mm x 50 mm x 1.6 mm
RthJA
500
K/W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
- 65 to + 175
°C


Similar Part No. - LL4154

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4154 VISHAY-LL4154 Datasheet
51Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Diodes Incorporated
LL4154 DIODES-LL4154 Datasheet
59Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30071 Rev. A-2
logo
Galaxy Semi-Conductor H...
LL4154 BILIN-LL4154 Datasheet
123Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
LL4154 VISHAY-LL4154 Datasheet
98Kb / 5P
Fast Switching Diode
06-Apr-04
logo
SEMTECH ELECTRONICS LTD...
LL4154 SEMTECH_ELEC-LL4154 Datasheet
113Kb / 1P
SILICON EPITAXIAL PLANAR DIODES
More results

Similar Description - LL4154

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4151 DIODES-1N4151 Datasheet
49Kb / 1P
FAST SWITCHING DIODE
DS12014 Rev. F-2
logo
Vishay Siliconix
LL4148 VISHAY-LL4148_04 Datasheet
111Kb / 4P
Fast Switching Diode
06-Feb-04
logo
Chenmko Enterprise Co. ...
LL4150PT CHENMKO-LL4150PT Datasheet
121Kb / 2P
FAST SWITCHING DIODE
logo
GOOD-ARK Electronics
LS4154 GOOD-ARK-LS4154 Datasheet
103Kb / 2P
Fast Switching Diode
logo
Infineon Technologies A...
IDP12E120 INFINEON-IDP12E120 Datasheet
545Kb / 8P
Fast Switching Diode
Rev.2.3 2009-08-19
IDP30E120 INFINEON-IDP30E120_09 Datasheet
665Kb / 8P
Fast Switching Diode
Rev.2.3 2009-08-19
IDP30E60 INFINEON-IDP30E60_09 Datasheet
701Kb / 8P
Fast Switching Diode
Rev.2.4 2009-09-28
SIDC02D60F6 INFINEON-SIDC02D60F6_10 Datasheet
108Kb / 4P
Fast switching diode
Edition 2.1, 09.03.2010
SIDC112D170H INFINEON-SIDC112D170H Datasheet
112Kb / 4P
Fast switching diode
Edition 0.9, 22.02.2010
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com