Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280-JT3 Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST10F280-JT3
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280-JT3 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST10F280-JT3 Datasheet HTML 57Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 58Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 59Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 60Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 61Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 62Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 63Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 64Page - STMicroelectronics ST10F280-JT3 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 186 page
background image
ST10F280
61/186
11.2 - New PWM Module : XPWM
The new Pulse Width Modulation (XPWM) Module
of the ST10F280 is mapped on the XBUS inter-
face (Address range 00’EC00h-00’ECFFh) and
allows the generation of up to 4 independent
PWM signals.The XPWM is enabled by setting
XPEN bit 2 of the SYSCON register and bit 4 of
the new XPERCON register. The frequency range
of these XPWM signals for a 40MHz CPU clock is
from 9.6Hz up to 20MHz for edge aligned signals.
For center aligned signals the frequency range is
4.8Hz up to 10MHz (see detailed description).
The minimum values depend on the width (16 bit)
and the resolution (CLK/1 or CLK/64) of the
XPWM timers. The maximum values assume that
the XPWM output signal changes with every cycle
of the respective timer. In a real application the
maximum XPWM frequency will depend on the
required resolution of the XPWM output signal
(see Figure 18).
The Pulse Width Modulation Module consists of
4 independent PWM channels. Each channel has
a 16-bit up/down counter XPTx, a 16-bit period
register XPPx with a shadow latch, a 16-bit pulse
width register XPWx with a shadow latch, two
comparators, and the necessary control logic. The
operation of all four channels is controlled by two
common control registers, XPWMCON0 and
XPWMCON1, and the interrupt control and status
is handled by one interrupt control register
XP2IC, which is also common for all channels
(see Figure 19).
Figure 19 : XPWM Channel Block Diagram
Figure 18 : SFRs and Port Pins Associated with the XPWM Module
Data Registers
15
Y
14
Y
13
Y
12
Y
11
Y
10
Y
9
Y
8
Y
7
Y
6
Y
5
Y
4
Y
3
Y
2
Y
1
Y
0
Y
XPP0
YYY Y Y Y YYYYYYYYYY
XPW0
YYY Y Y Y YYYYYYYYYY
XPP1
YYY Y Y Y YYYYYYYYYY
XPW1
YYY Y Y Y YYYYYYYYYY
XPP2
YYY Y Y Y YYYYYYYYYY
XPW2
YYY Y Y Y YYYYYYYYYY
XPP3
YYY Y Y Y YYYYYYYYYY
XPW3
15
Y
14
Y
13
Y
12
Y
11
Y
10
Y
9
Y
8
Y
7
Y
6
Y
5
Y
4
Y
3
Y
2
Y
1
Y
0
Y
XPT0
YY YY Y Y YYYYYYYYYY
XPT1
YY YY Y Y YYYYYYYYYY
XPT2
YY YY Y Y YYYYYYYYYY
XPT3
Counter Registers
15
Y
14
Y
13
Y
12
Y
11
Y
10
Y
9
Y
8
Y
7
Y
6
Y
5
Y
4
Y
3
Y
2
Y
1
Y
0
Y
XPWMCON0
YY -
Y -
-
- - YYYYY YYY
XPWMCON1
-
---
-
-
------ Y Y Y Y
XPOLAR
-
---
-
-
- - YYYYY YYY
XP2IC E
Control Registers and Interrupt Control
Output on dedicated pins
XPWM0
XPWM1
XPWM2
XPWM3
XPPx
XPWx
XPTx
XPWMCONx
XPOLARx
XPWM Period Register x
XPWM Pulse WIdth Register x
XPWM Counter Register x
XPWM Control Register 0/1
XPWM Output Polarity Control Register 0/1
XP2IC
XPWM Interrupt Control Register
Y
-
E
This bit has a XPWM function
This bit has no XPWH function or is not implemnented
This register belongs to ESFR area
:
:
:
XPPx Period Register
Comparator
XPTx
16-bit Up/Down Counter
Shadow Register
XPWx Pulse Width Register
Input
Run
Control
Clock 1
Clock 2
Comparator
*
*
*
Up/Down/
Clear Control
Match
Output Control
Match
Write Control
* User readable / writeable register
Enable
XPOUTx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com