Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10R167 Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST10R167
Description  16-BIT ROMLESS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R167 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST10R167 Datasheet HTML 55Page - STMicroelectronics ST10R167 Datasheet HTML 56Page - STMicroelectronics ST10R167 Datasheet HTML 57Page - STMicroelectronics ST10R167 Datasheet HTML 58Page - STMicroelectronics ST10R167 Datasheet HTML 59Page - STMicroelectronics ST10R167 Datasheet HTML 60Page - STMicroelectronics ST10R167 Datasheet HTML 61Page - STMicroelectronics ST10R167 Datasheet HTML 62Page - STMicroelectronics ST10R167 Datasheet HTML 63Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 60 / 63 page
background image
ST10R167
60/63
XX.4.12 - External bus arbitration
VDD =5V ± 10%, VSS = 0V, TA = -40 to +125°C
CL (for Port0, Port1, Port 4, ALE, RD, WR, BHE, CLKOUT) = 100pF
CL (for Port 6, CS) = 100pF
Note
1. Guaranteed by design characterization.
Notes 1. The ST10C167 will complete the currently running bus cycle before granting bus access.
2. This is the first possibility for BREQ to become active.
3. The CS outputs will be resistive high (pullup) after
t
64.
Table 21 : External bus arbitration
Symbol
Parameter
Max. CPU Clock
= 25MHz
Variable CPU Clock
1/2TCL = 1 to 25MHz
Unit
Min.
Max.
Min.
Max.
t61
SR
HOLD input setup time to CLKOUT
20
20
ns
t62
CC
CLKOUT to HLDA hig or BREQ low delay
20
20
ns
t63
CC
CLKOUT to HLDA low or BREQ high delay
20
20
ns
t64
CC
CSx release
1
20
20
ns
t65
CC
CSx drive
-4
24
-4
24
ns
t66
CC
Other signals release
1
20
20
ns
t67
CC
Other signals drive
-4
24
-4
24
ns
Figure 23 : External bus arbitration, releasing the bus
CLKOUT
HOLD
t61
HLDA
t63
Other
Signals
t66
1)
CSx
(On P6.x)
t64
1)
2)
BREQ
t62
3)
XX - ELECTRICAL CHARACTERISTICS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com