Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB185N55F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB185N55F3
Description  N-channel 55V - 3.2mΩ - 120A - D2PAK/TO-220 STripFET??Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB185N55F3 Datasheet(HTML) 1 Page - STMicroelectronics

  STB185N55F3 Datasheet HTML 1Page - STMicroelectronics STB185N55F3 Datasheet HTML 2Page - STMicroelectronics STB185N55F3 Datasheet HTML 3Page - STMicroelectronics STB185N55F3 Datasheet HTML 4Page - STMicroelectronics STB185N55F3 Datasheet HTML 5Page - STMicroelectronics STB185N55F3 Datasheet HTML 6Page - STMicroelectronics STB185N55F3 Datasheet HTML 7Page - STMicroelectronics STB185N55F3 Datasheet HTML 8Page - STMicroelectronics STB185N55F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
June 2007
Rev 2
1/14
14
STB185N55F3
STP185N55F3
N-channel 55V - 3.2m
Ω - 120A - D2PAK/TO-220
STripFET™ Power MOSFET
Features
■ Ultra low on-resistance
■ 100% avalanche tested
Description
This n-channel enhancement mode Power
MOSFET is the latest refinement of
STMicroelectronics unique “single feature size™”
strip-based process with less critical alignment
steps and therefore a remarkable manufacturing
reproducibility. The resulting transistor shows
extremely high packing density for low on
resistance, rugged avalanche characteristics and
low gate charge.
Applications
■ Switching applications
– Automotive
Figure 1.
Internal schematic diagram
Type
VDSS RDS(on)
ID
Pw
STB185N55F3
55V
3.5m
Ω 120A(1)
1.
Value limited by wire bonding
330W
STP185N55F3
55V
3.8m
Ω 120A(1) 330W
D2PAK
1
3
TO-220
1
2
3
www.st.com
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB185N55F3
185N55F3
D2PAK
Tape & reel
STP185N55F3
185N55F3
TO-220
Tube


Similar Part No. - STB185N55F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB185N55 STMICROELECTRONICS-STB185N55 Datasheet
223Kb / 12P
N-channel 55V - 2.9mohm - 120A - D2PAK/TO-220
01-Aug-2006
More results

Similar Description - STB185N55F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP80NF55L-08 STMICROELECTRONICS-STP80NF55L-08 Datasheet
320Kb / 8P
N-CHANNEL 55V - 0.0065ohm - 80A - TO-220/D2PAK STripFET™ II POWER MOSFET
Apr-2003
STB120NF10 STMICROELECTRONICS-STB120NF10 Datasheet
393Kb / 10P
N-CHANNEL 100V - 0.009 W - 120A D2PAK/TO-220 STripFET II POWER MOSFET
May-2003
STB185N55 STMICROELECTRONICS-STB185N55 Datasheet
223Kb / 12P
N-channel 55V - 2.9mohm - 120A - D2PAK/TO-220
01-Aug-2006
STB300NH02L STMICROELECTRONICS-STB300NH02L Datasheet
474Kb / 14P
N-channel 24V - 120A - TO-220 / D2PAK STripFET TM Power MOSFET
21-Feb-2007
STB100NF04 STMICROELECTRONICS-STB100NF04_07 Datasheet
394Kb / 17P
N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
20-Feb-2007
STP200N4F3 STMICROELECTRONICS-STP200N4F3 Datasheet
319Kb / 14P
N-channel 40V - 0.0035Ω - 120A - D2PAK - TO-220 planar STripFET™Power MOSFET
02-Oct-2007
STB150NF55 STMICROELECTRONICS-STB150NF55_06 Datasheet
561Kb / 19P
N-channel 55V - 0.005廓 - 120A - D2PAK/TO-220/TO-247 STripFET??II Power MOSFET
26-Jun-2006
STB180N55F3 STMICROELECTRONICS-STB180N55F3 Datasheet
440Kb / 14P
N-channel 55V - 3.2m廓 - 120A - D2PAK/TO-220 STripFET??Power MOSFET
01-Jun-2007
STB300NH02L_0709 STMICROELECTRONICS-STB300NH02L_0709 Datasheet
329Kb / 14P
N-channel 24V - 120A - TO-220 / D2PAK STripFET??Power MOSFET
25-Sep-2007
STB140NF75T4 STMICROELECTRONICS-STB140NF75T4 Datasheet
545Kb / 18P
N-channel 75V - 0.0065 - 120A - D2PAK/I2/TO-220 STripFET III Power MOSFET
28-Jun-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com