Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGP30NC60W Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGP30NC60W
Description  30 A - 600 V - ultra fast IGBT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP30NC60W Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGP30NC60W Datasheet HTML 6Page - STMicroelectronics STGP30NC60W Datasheet HTML 7Page - STMicroelectronics STGP30NC60W Datasheet HTML 8Page - STMicroelectronics STGP30NC60W Datasheet HTML 9Page - STMicroelectronics STGP30NC60W Datasheet HTML 10Page - STMicroelectronics STGP30NC60W Datasheet HTML 11Page - STMicroelectronics STGP30NC60W Datasheet HTML 12Page - STMicroelectronics STGP30NC60W Datasheet HTML 13Page - STMicroelectronics STGP30NC60W Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Package mechanical data
STGB30NC60WT4 - STGP30NC60W - STGW30NC60W
10/16
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com