Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10C167-Q3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST10C167-Q3
Description  16-BIT ROMLESS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10C167-Q3 Datasheet(HTML) 1 Page - STMicroelectronics

  ST10C167-Q3 Datasheet HTML 1Page - STMicroelectronics ST10C167-Q3 Datasheet HTML 2Page - STMicroelectronics ST10C167-Q3 Datasheet HTML 3Page - STMicroelectronics ST10C167-Q3 Datasheet HTML 4Page - STMicroelectronics ST10C167-Q3 Datasheet HTML 5Page - STMicroelectronics ST10C167-Q3 Datasheet HTML 6Page - STMicroelectronics ST10C167-Q3 Datasheet HTML 7Page - STMicroelectronics ST10C167-Q3 Datasheet HTML 8Page - STMicroelectronics ST10C167-Q3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
1/63
August 1999
s HIGH PERFORMANCE CPU
– 16-BIT CPU WITH 4-STAGE PIPELINE
– 80ns INSTRUCTION CYCLE TIME @ 25MHz CLK
– 400ns 16 X 16-BIT MULTIPLICATION
– 800ns 32 / 16-BIT DIVISION
– ENHANCE D
BOOLEAN
BIT
MANIPULATION
FACILITIES
– ADDITIONAL INSTRUCTIONS TO SUPPOR T HLL
AND OPERAT ING SYSTEMS
– SINGLE-CYCL E CONT EXT SWITCHING SUPPORT
s MEMORY ORGANIZATION
– UP TO 16M BYTE LINEAR ADDRESS SPACE FOR
CODE AND DATA (5M BYTE WITH CAN)
– 2K BYTE ON-CHIP INTERNAL RAM (IRAM)
– 2K BYTE ON-CHIP EXTENSION RAM (XRAM)
s FAST AND FLEXIBLE BUS
– PROGRAMMABLE
EXTERNAL
BUS
CHARA CTERISTICS FOR DIFFERENT ADDRESS
RANGES
– 8-BIT OR 16-BIT EXTER NAL DATA BUS
– MULTIPLEXED OR DEMULTIPLEXED EXTER NAL
ADDRE SS/DATA BUSES
– FIVE PROGRAMMABLE CHIP-SELECT SIGNALS
– HOLD-ACKNOWLEDGE
BUS
ARBITRATION
SUPPO RT
s INTERRUPT
– 8-CHANNEL PERIPHERAL EVENT CONTROLLER
FOR SINGLE CYCLE, INTERRUPT DRIVEN DATA
TRANSFER
– 16-PRIORITY-LEVEL INTERRUPT SYSTE M WITH
56 SOURCES, SAMPLE-RATE DOWN TO 40ns
s TIMERS
– TWO MULTI-FUNCTIONAL GENERAL PURPOSE
TIMER UNITS WITH 5 TIMERS
– TWO 16-CHANNEL CAPTURE/COMPARE UNITS
s A/D CONVERTER
– 16-CHANN EL 10-BIT
– 7.76
µs CONVERSION TIME
s FAIL-SAFE PROTECTION
– PROGRAMMABLE WATCHDOG TIMER
– OSCILLATOR WATCHDOG
s ON-CHIP CAN 2.0B INTERFACE
s ON-CHIP BOOTSTRAP LOADER
s CLOCK GENERATION
– ON-CHIP PLL
– DIRECT OR PRESCALE D CLOCK INPUT
s UP TO 111 GENERAL PURPOSE I/O LINES
– INDIVIDUALLY PROGRAMMABLE
AS
INPUT,
OUTPUT OR SPECIA L FUNCTION
– PROGRAMMABLE DRIVE STRENGTH
– PROGRAMMABLE THRESHOLD (HYS TERES IS)
s IDLE AND POWER DOWN MODES
– IDLE CURRENT <95mA
– POWER-DOWN SUPPLY CURRENT <400
µA
s 4-CHANNEL PWM UNIT
s SERIAL CHANNELS
– SYNCHRONO US/ASYN CSERIAL CHANNEL
– HIGH-SPEED SYNCHRON OUS CHANNEL
s DEVELOPMENT SUPPORT
– C-COM PILERS, MACRO-ASSEMBLER PACKAGES,
EMULATORS, EVAL BOARDS, HLL-D EBUGGERS,
SIMULATORS,
LOGIC ANALYZER
DISASSEM-
BLERS, PROGRAMMING BOARDS
s 144-PIN PQFP PACKAGE
PQFP144 (28 x 28 mm)
(Plastic Quad Flat Pack)
Port 6
Port 5
Port 3
BR G
ROM-
CPU-Core
Internal
RAM
Watchdog
Interrupt Controller
8
8
15
16
32
16
PEC
16
16
CAN
Port 7
Port 8
BR G
8
16
16
OSC.
XRAM
16
16
8
16
LESS
ST10R167
16-BIT ROMLESS MCU
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without notice.


Similar Part No. - ST10C167-Q3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10C167-Q3/XX STMICROELECTRONICS-ST10C167-Q3/XX Datasheet
433Kb / 65P
16-BIT MCU WITH 32K BYTE ROM
Aug-1999
ST10C167-Q3XX STMICROELECTRONICS-ST10C167-Q3XX Datasheet
433Kb / 65P
16-BIT MCU WITH 32K BYTE ROM
Aug-1999
More results

Similar Description - ST10C167-Q3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10R172L-B0 STMICROELECTRONICS-ST10R172L-B0 Datasheet
20Kb / 3P
16-BIT LOW VOLTAGE ROMLESS MCU
Rev. 1.0
ST10R172L STMICROELECTRONICS-ST10R172L Datasheet
648Kb / 68P
16-BIT LOW VOLTAGE ROMLESS MCU
Rev. 1.2
ST10R272L-B0 STMICROELECTRONICS-ST10R272L-B0 Datasheet
24Kb / 4P
16-BIT ROMLESS LOW VOLTAGE MCU WITH MAC
Rev. 1.0
ST10R272L STMICROELECTRONICS-ST10R272L Datasheet
702Kb / 77P
16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
Rev. 1.2
logo
Intel Corporation
8XC196KB INTEL-8XC196KB Datasheet
247Kb / 17P
ADVANCED 16-BIT CHMOS MICROCONTROLLER ROMless OR ROM
logo
STMicroelectronics
ST90R28 STMICROELECTRONICS-ST90R28 Datasheet
383Kb / 7P
ROMLESS HCMOS MCU WITH RAM
logo
Zilog, Inc.
Z88C00 ZILOG-Z88C00 Datasheet
1Mb / 52P
CMOS SUPER8 ROMLESS MCU
logo
STMicroelectronics
ST10R167-Q3 STMICROELECTRONICS-ST10R167-Q3 Datasheet
622Kb / 63P
16-BIT ROMLESS MCU
Aug-1999
logo
Zilog, Inc.
Z88C0020PSG ZILOG-Z88C0020PSG Datasheet
1Mb / 61P
Z88C00 CMOS Super8 ROMless MCU
Z8609316PSG ZILOG-Z8609316PSG Datasheet
362Kb / 18P
ROMLESS CMOS 8-BIT Z8 MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com