Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STOTG04EQTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STOTG04EQTR
Description  USB-OTG Full-speed Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOTG04EQTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STOTG04EQTR Datasheet HTML 17Page - STMicroelectronics STOTG04EQTR Datasheet HTML 18Page - STMicroelectronics STOTG04EQTR Datasheet HTML 19Page - STMicroelectronics STOTG04EQTR Datasheet HTML 20Page - STMicroelectronics STOTG04EQTR Datasheet HTML 21Page - STMicroelectronics STOTG04EQTR Datasheet HTML 22Page - STMicroelectronics STOTG04EQTR Datasheet HTML 23Page - STMicroelectronics STOTG04EQTR Datasheet HTML 24Page - STMicroelectronics STOTG04EQTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
STOTG04E
Block description
21/26
6.12
External charge pump switch
The ADR_PSW pin has two functions. State of this pin is always latched into a register on the rising edge
of the RESET/ signal. The latched value is used as a least significant bit of the I2C address. After the
address is latched, this pin can be set as an output by setting the PSW_EN bit of the Control Register 3.
Output value of the pin can be controlled by the VBUS_DRV bit of the Control Register 2. The output is
active low when the pin is high during reset; otherwise the output is active high.
When the PSW_EN bit is set the internal charge pump is switched off.
Example connection of an external charge pump is shown in following figure. When the charge pump
control signal would be active high, the ADR_PSW pin should be pulled down instead of high.
Figure 13. External charge pump application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com