Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

252/97/93B Datasheet(PDF) 2 Page - Multicomp Pro

Part # 252/97/93B
Description  Metric Cable Glands With Locknut and Sealing Washer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

252/97/93B Datasheet(HTML) 2 Page - Multicomp Pro

  252/97/93B Datasheet HTML 1Page - Multicomp Pro 252/97/93B Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page <2>
V1.0
09/06/22
Metric Cable Glands
With Locknut and Sealing Washer
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Part Number Table
Description
Part Number
Miniature Metric Cable Gland with Locknut and Sealing Washer, Black, M13
241/69/79B
Standard Metric Cable Gland with Locknut and Sealing Washer, Black, M16 250/92/96-B
Standard Metric Cable Gland with Locknut and Sealing Washer, Black, M20
252/97/93B
Standard Metric Cable Gland with Locknut and Sealing Washer, Black, M20
249/97/93B
Standard Metric Cable Gland with Locknut and Sealing Washer, Black, M20
251/97/93B
Miniature Metric Cable Gland with Locknut and Sealing Washer, White, M13 241/69/79W
Standard Metric Cable Gland with Locknut and Sealing Washer, White, M20 249/97/93W
Standard Metric Cable Gland with Locknut and Sealing Washer, White, M16 250/92/96-W
Standard Metric Cable Gland with Locknut and Sealing Washer, White, M20 251/97/93W
Standard Metric Cable Gland with Locknut and Sealing Washer, White, M20 252/97/93W
Sealing Washer
Metric Thread
Size
Outer Ø Inner Ø
Thickness
Material
Colour
M13
17.5
13
1
Vulcanised Fibre
Black
M16
22
16
1.7
Polyamide 6.6
White
M20
26
20
1.7
Dimensions : Millimetres
Sealing Washer Dimensions
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com