Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA744813TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA744813TR
Description  6 CHANNEL VOLUME CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA744813TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA744813TR Datasheet HTML 5Page - STMicroelectronics TDA744813TR Datasheet HTML 6Page - STMicroelectronics TDA744813TR Datasheet HTML 7Page - STMicroelectronics TDA744813TR Datasheet HTML 8Page - STMicroelectronics TDA744813TR Datasheet HTML 9Page - STMicroelectronics TDA744813TR Datasheet HTML 10Page - STMicroelectronics TDA744813TR Datasheet HTML 11Page - STMicroelectronics TDA744813TR Datasheet HTML 12Page - STMicroelectronics TDA744813TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9/14
TDA7448
Figure 16. Test and Application Circuit
IN2
IN4
GND
IN6
IN1
IN3
IN5
OUT2
OUT4
GND
OUT6
OUT1
OUT3
OUT5
GND
VS
VS
SDA
SCL
DGND
IC1
TDA7448
2
3
4
5
6
7
9
10
12
14
15
16
17
18
19
20
8
13
IN1
IN3
IN5
OUT5
OUT3
OUT1
SDA
SCL
ADDR
OUT2
OUT4
OUT6
IN6
IN4
IN2
CREF
N.C.
N.C.
C5
0.47µF
C9
0.47µF
C1
0.47µF
C3
0.47µF
C13
10µF 16V
J3
1
2
3
4
5
6
7
C7
0.47µF
J1
IN1
C11
0.47µF
C2
22µF 16V
C4
22µF 16V
C6
22µF 16V
C8
22µF 16V
C10
22µF 16V
C12
22µF 16V
J4
1
2
3
4
5
6
7
J2
OUT1
C15
0.1µF
+ C14
100µF 16V
J6
JP1
J5
I2C
1
2
3
4
R2
1K
R3
1K
R1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com