Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR730FZ2H7 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STR730FZ2H7
Description  ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR730FZ2H7 Datasheet(HTML) 5 Page - STMicroelectronics

  STR730FZ2H7 Datasheet HTML 1Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 2Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 3Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 4Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 5Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 6Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 7Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 8Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
STR73xFxx
Overview
5/52
2
Overview
Package choice: reduced pin-count TQFP100 or feature-rich 144-pin TQFP or LFBGA
The STR73xF family is available in 3 packages. The TQFP144 and LFBGA144 versions
have the full set of all features. The 100-pin version has fewer timers, I/Os and ADC
channels. Refer to the Device Summary on Page 1 for a comparison of the I/Os available on
each package.
The family includes versions with and without CAN.
High speed Flash memory
The Flash program memory is organized in 32-bit wide memory cells which can be used for
storing both code and data constants. It is accessed by CPU with zero wait states @ 36
MHz.
The STR7 embedded Flash memory can be programmed using in-circuit programming or
in-application programming.
The Flash memory endurance is 10K write/erase cycles and the data retention is 20 years
@ 85° C.
IAP (in-application programming): IAP is the ability to re-program the Flash memory of a
microcontroller while the user program is running.
ICP (in-circuit programming): ICP is the ability to program the Flash memory of a
microcontroller using JTAG protocol while the device is mounted on the user application
board.
The Flash memory can be protected against different types of unwanted access
(read/write/erase). There are two types of protection:
Sector write protection
Flash debug protection (locks JTAG access)
Flexible power management
To minimize power consumption, you can program the STR73xF to switch to SLOW, WFI
LPWFI, STOP or HALT modes depending on the current system activity in the application.
Table 2.
Product overview
Features
STR730FZx
STR735FZx
STR731FVx
STR736FVx
Flash memory - bytes
128K
256K
128K
256K
64K
128K
256K
64K
128K
256K
RAM - bytes
16 K
16 K
Peripheral functions
10 TIM timers, 112 I/Os,
32 wake-up lines, 16 ADC
6 TIM timers, 72 I/Os, 18 wake-up lines,
12 ADC channels
CAN peripherals
3
0
3
0
Operating voltage
4.5 to 5.5 V
Operating temperature
-40 to +85°C/-40 to +105° C
Packages
T=TQFP144 20 x 20
H=LFBGA144 10 x10
T=TQFP100 14x14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com