Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR735FZ1T7 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STR735FZ1T7
Description  ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR735FZ1T7 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STR735FZ1T7 Datasheet HTML 2Page - STMicroelectronics STR735FZ1T7 Datasheet HTML 3Page - STMicroelectronics STR735FZ1T7 Datasheet HTML 4Page - STMicroelectronics STR735FZ1T7 Datasheet HTML 5Page - STMicroelectronics STR735FZ1T7 Datasheet HTML 6Page - STMicroelectronics STR735FZ1T7 Datasheet HTML 7Page - STMicroelectronics STR735FZ1T7 Datasheet HTML 8Page - STMicroelectronics STR735FZ1T7 Datasheet HTML 9Page - STMicroelectronics STR735FZ1T7 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
Overview
STR73xFxx
6/52
Flexible clock control
Two clock sources are used to drive the microcontroller, a main clock driven by an external
crystal or ceramic resonator and an internal backup RC oscillator that operates at 2 MHz or
32 kHz. The embedded PLL can be configured to generate an internal system clock of up to
36 MHz. The PLL output frequency can be programmed using a wide selection of multipliers
and dividers.
Voltage regulators
The STR73xF requires an external 4.5 to 5.5 V power supply. There are two internal Voltage
Regulators for generating the 1.8 V power supply needed by the core and peripherals. The
main VR is switched off and the Low Power VR switched on when the application puts the
STR73xF in Low Power Wait for Interrupt (LPWFI) mode.
Low voltage detectors
The voltage regulator and Flash modules each have an embedded LVD that monitors the
internal 1.8 V supply. If the voltage drops below a certain threshold, the LVD will reset the
STR73xF.
Note:
An external power-on reset must be provided ensure the microcontroller starts-up correctly.
2.1
On-chip peripherals
CAN interfaces
The three CAN modules are compliant with the CAN specification V2.0 part B (active). The
bit rate can be programmed up to 1 MBaud. These are not available in the STR735 and
STR736.
DMA
4 DMA controllers, each with 4 data streams manage memory to memory, peripheral to
peripheral, peripheral to memory and memory to peripheral transfers. The DMA requests
are connected to TIM timers, BSPI0, BSPI1, BSPI2 and ADC. One of the streams can be
configured to be triggered by a software request, independently from any peripheral activity.
16-bit timers (TIM)
Each of the ten timers (six in 100-pin devices) have a 16-bit free-running counter with 7-bit
prescaler, up to two input capture/output compare functions, a pulse counter function, and a
PWM channel with selectable frequency. This provides a total of 16 independent PWMs (12
in 100-pin devices) when added with the PWM modules (see next paragraph).
PWM modules (PWM)
The six 16-bit PWM modules have independently programmable periods and duty-cycles,
with 5+3 bit prescaler factor.
Timebase timers (TB)
The three 16-bit timebase timers with 8-bit prescaler for general purpose time triggering
operations.
Real-time clock (RTC)
The RTC provides a set of continuously running counters driven by separate clock signal
derived from the main oscillator. The RTC can be used as a general timebase or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com