Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10R272 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST10R272
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST10R272 Datasheet HTML 13Page - STMicroelectronics ST10R272 Datasheet HTML 14Page - STMicroelectronics ST10R272 Datasheet HTML 15Page - STMicroelectronics ST10R272 Datasheet HTML 16Page - STMicroelectronics ST10R272 Datasheet HTML 17Page - STMicroelectronics ST10R272 Datasheet HTML 18Page - STMicroelectronics ST10R272 Datasheet HTML 19Page - STMicroelectronics ST10R272 Datasheet HTML 20Page - STMicroelectronics ST10R272 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 77 page
background image
17/77
ST10R272L - MULTIPLY-ACCUMULATE UNIT (MAC)
The following table shows the various combinations of pointer post-modification for each of
these 2 new addressing modes. In this document the symbols “[Rwn⊗]” and “[IDXi⊗]” refer to
these addressing modes.
For the CoMACM class of instruction, Parallel Data Move mechanism is implemented. This
class of instruction is only available with double indirect addressing mode. Parallel Data Move
allows the operand pointed by IDXi to be moved to a new location in parallel with the MAC
operation. The write-back address of Parallel Data Move is calculated depending on the post-
modification of IDXi. It is obtained by the reverse operation than the one used to calculate the
new value of IDXi. The following table shows these rules.
Symbol
Mnemonic
Address Pointer Operation
“[IDXi⊗]” stands for
[IDXi](IDXi) ← (IDXi) (no-op)
[IDXi+](IDXi) ← (IDXi) +2 (i=0,1)
[IDXi -]
(IDXi) ← (IDXi) -2 (i=0,1)
[IDXi + QXj](IDXi) ← (IDXi) + (QXj) (i, j =0,1)
[IDXi - QXj](IDXi) ← (IDXi) - (QXj) (i, j =0,1)
“[Rwn⊗]” stands for
[Rwn]
(Rwn)
← (Rwn) (no-op)
[Rwn
+]
(Rwn)
← (Rwn) +2 (n=0-15)
[Rwn-]
(Rwn)
← (Rwn) -2 (k=0-15)
[Rwn
+QRj]
(Rwn)
← (Rwn) + (QRj) (n=0-15;j =0,1)
[Rwn - QRj]
(Rwn)
← (Rwn) - (QRj) (n=0-15; j =0,1)
Table 2 Pointer post-modification combinations for IDXi and Rwn
Instruction
Writeback Address
CoMACM [IDXi+],...
<IDXi-2>
CoMACM [IDXi-],...
<IDXi+2>
CoMACM [IDXi+QXj],...
<IDXi-QXj>
CoMACM [IDXi-QXj],...
<IDXi+QXj>
Table 3 Parallel data move addressing
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com