Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV01-B22-M1-R-IP65 Datasheet(PDF) 1 Page - Multicomp Pro

Part # AV01-B22-M1-R-IP65
Description  Anti-Vandal Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

AV01-B22-M1-R-IP65 Datasheet(HTML) 1 Page - Multicomp Pro

  AV01-B22-M1-R-IP65 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
11/09/20
Anti-Vandal Switch
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Specifications:
Contact Rating
: 2A at 36V DC
Electrical Life
: 2,00,000 cycles
Max. Contact Resistance
: 50mΩ (initial)
Min. Insulation Resistance
: 1,000MΩ at 500V DC
Dielectric Strength
: 2,000V rms 50 to 60Hz
Operating Temperature
: -20°C to +55°C
Switching Circuit
: Off-MOM
IP Class
: IP65 protection
Max. Torque
: 5 to 14Nm applied to nut
Max. Operating Force
: 4N
Materials:
Contact
: Silver alloy
Nut
: Nickel plated brass
Base
: PBT
Bushing and Button Material
: Stainless Steel with Varnished
Polished
Part Number Table
Description
Part Number
Switch, Anti-Vandal, Off-MOM, Raised
AV01-B22-M1-R-IP65
Dimensions : Millimetres (Inches)
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Diagram


Similar Part No. - AV01-B22-M1-R-IP65

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
AV01-B22-M1-F-IP65 MULTICOMP-AV01-B22-M1-F-IP65 Datasheet
127Kb / 1P
Anti-Vandal Switch
11/09/20
logo
List of Unclassifed Man...
AV01-B22-M1-IP65 ETC1-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20V1.0
AV01-B22-M1-IP65 ETC-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20
More results

Similar Description - AV01-B22-M1-R-IP65

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV0 E-SWITCH-PV0 Datasheet
1Mb / 4P
pV0 SerieS anti-Vandal Switch
PV9 E-SWITCH-PV9 Datasheet
980Kb / 3P
pV9 SerieS anti-Vandal Switch
ULV4 E-SWITCH-ULV4 Datasheet
1Mb / 4P
ULV4 Series Anti-vandal Switch
ULV7 E-SWITCH-ULV7 Datasheet
885Kb / 4P
ulV7 SerieS anti-Vandal Switch
ULV8 E-SWITCH-ULV8 Datasheet
1Mb / 3P
ULV8 Series Anti-vandal Switch
PV6 E-SWITCH-PV6_16 Datasheet
842Kb / 2P
pV6 SerieS anti-Vandal Switch
logo
C&K Components
ATP16 CK-COMPONENTS-ATP16 Datasheet
841Kb / 4P
Anti-Vandal Sealed Pushbutton Switch
2022
logo
List of Unclassifed Man...
AV01-B22-M1-IP65 ETC1-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20V1.0
AV01-B22-M1-IP65 ETC-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20
logo
E-SWITCH
PVK4 E-SWITCH-PVK4 Datasheet
1Mb / 8P
PVK4 Series Anti-vandal Switch
11.29.2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com