Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC-034-D Datasheet(PDF) 1 Page - Labfacility Ltd

Part # FC-034-D
Description  Brass Compression Glands – Parallel, Tapered & NPT Thread
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

FC-034-D Datasheet(HTML) 1 Page - Labfacility Ltd

  FC-034-D Datasheet HTML 1Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
•
Thermocouple installation fittings
•
To suit a wide range of mineral insulated and other probe type sensors
•
Male in-line brass compression type with nut & olive
Brass Compression Glands –
Parallel, Tapered & NPT Thread
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors
Quality and Service are key
elements in the continued growth
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
accreditation.
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
138/0618 Brass Compression Glands
Type
Thread Size
Thread Type
Suits Probe Ø
Manufacturers
order code
Code
BSPP Parallel:
Brass
1/8”
BSP Parallel
1.5mm
FC-017-D
2770795
Brass
1/8”
BSP Parallel
4.0mm
LW-521-D
XF-1382-FAR
Brass
1/8”
BSP Parallel
3/16
FC-007-D
XF-1332-FAR
Brass
1/4”
BSP Parallel
3/16
FC-034-D
XF-1340-FAR
BSPT Tapered:
Brass
1/8”
BSPT Tapered
6.0mm
FC-011-D
XF-1377-FAR
Brass
1/8”
BSPT Tapered
1/8
FC-004-D
XF-1333-FAR
Brass
1/8”
BSPT Tapered
3/16
FC-008-D
XF-1341-FAR
Brass
1/4”
BSPT Tapered
3.0mm
FC-029-D
2770796
Brass
1/4”
BSPT Tapered
1/8
FC-030-D
XF-1388-FAR
Brass
1/4”
BSPT Tapered
1/4mm
FC-014-D
XF-1334-FAR
Brass
1/4”
BSPT Tapered
3/16
FC-033-D
XF-1374-FAR
NPT
Brass
1/8”
NPT
1.5mm
FC-112-D
2770797
Brass
1/8”
NPT
3.0mm
FC-021-D
XF-1345-FAR
Brass
1/8”
NPT
6.0mm
FC-025-D
XF-1351-FAR
Brass
1/4”
NPT
3.0mm
FC-050-D
XF-1346-FAR
Brass
1/4”
NPT
6.0mm
FC-054-D
XF-1352-FAR


Similar Part No. - FC-034-D

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
FC-034-D LABFACILITY-FC-034-D Datasheet
276Kb / 1P
Brass Compression Glands – Parallel, Tapered & NPT Thread
More results

Similar Description - FC-034-D

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
710-114M32 GLENAIR-710-114M32 Datasheet
72Kb / 1P
Metal Straight Tapered Pipe Thread Adapters
M24758-17C04 GLENAIR-M24758-17C04 Datasheet
50Kb / 2P
Adapter for Tapered Pipe Thread
M24758-26B03 GLENAIR-M24758-26B03 Datasheet
189Kb / 2P
Adapter for Tapered Pipe Thread
M24758-17-02-A GLENAIR-M24758-17-02-A Datasheet
136Kb / 2P
Adapter for Tapered Pipe Thread
M24758-17-16-A GLENAIR-M24758-17-16-A Datasheet
77Kb / 1P
Adapter for Tapered Pipe Thread
logo
Weidmuller
0260700000 WEIDMULLER-0260700000 Datasheet
742Kb / 22P
Cable glands
logo
Cynergy3 Co
SSF212 CYNERGY3-SSF212 Datasheet
379Kb / 1P
compact external fitting with npt taper thread
logo
Richco, Inc.
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
CABLE GLANDS - NPT TYPE
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
Metal Cable Glands
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
EMC Grounding Cable Glands
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com