Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1633414 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 1633414
Description  Stainless Steel Compression Fittings
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

1633414 Datasheet(HTML) 2 Page - Labfacility Ltd

  1633414 Datasheet HTML 1Page - Labfacility Ltd 1633414 Datasheet HTML 2Page - Labfacility Ltd 1633414 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
215.2
BSPT Tapered:
Type
Thread Size
Thread Type Suits Probe Ø
Manufacturers
Order code
Code
St/Steel
1/8”
BSPT Tapered 1.0mm
FC-130-D
XF-1339-FAR
St/Steel
1/8”
BSPT Tapered 1.5mm
FC-131-D
254630
St/Steel
1/8”
BSPT Tapered 3.0mm
FC-133-D
254642
St/Steel
1/8”
BSPT Tapered 4.0mm
FC-122-D
XF-1481-FAR
St/Steel
1/8”
BSPT Tapered 6.0mm
FC-136-D
XF-1384-FAR
St/Steel
1/8”
BSPT Tapered 1/8”
FC-134-D
XF-1385-FAR
St/Steel
1/8”
BSPT Tapered 3/16”
FC-135-D
XF-1378-FAR
St/Steel
1/4”
BSPT Tapered 1.5mm
FC-164-D
XF-1484-FAR
St/Steel
1/4”
BSPT Tapered 3.0mm
FC-158-D
1633411
St/Steel
1/4”
BSPT Tapered 4.0mm
FC-177-D
XF-1487-FAR
St/Steel
1/4”
BSPT Tapered 6.0mm
FC-167-D
XF-1387-FAR
St/Steel
1/4”
BSPT Tapered 1/4"
FC-165-D
XF-1383-FAR
St/Steel
1/4”
BSPT Tapered 1/8”
FC-160-D
XF-1338-FAR
St/Steel
1/4”
BSPT Tapered 3/16”
FC-163-D
XF-1330-FAR
St/Steel
1/2”
BSPT Tapered 3.0mm
FC-209-D
2770784
St/Steel
1/2”
BSPT Tapered 6.0mm
FC-200-D
1633414
St/Steel
1/2”
BSPT Tapered 8.0mm
FC-210-D
XF-1331-FAR
Type
Thread Type Pitch
Suits Probe Ø
Manufacturers
Order Code
Code
St/Steel
M8
1mm
1.0mm
FC-250-D
XF-1343-FAR
St/Steel
M8
1mm
1.5mm
FC-251-D
XF-1347-FAR
St/Steel
M8
1mm
2.0mm
FC-252-D
XF-1344-FAR
St/Steel
M8
1mm
3.0mm
FC-174-D
XF-1353-FAR
St/Steel
M8
1mm
4.0mm
FC-255-D
XF-1490-FAR
St/Steel
M8
1mm
4.5mm
FC-256-D
XF-1491-FAR
St/Steel
M8
1mm
1/8”
FC-254-D
XF-1489-FAR
St/Steel
M8
1mm
3/16”
FC-257-D
XF-1492-FAR
St/Steel
M16
1.5mm
3.0mm
FC-226-D
2770787
St/Steel
M16
1.5mm
4.5mm
FC-231-D
XF-1488-FAR
St/Steel
M16
1.5mm
6.0mm
FC-223-D
XF-1329-FAR
St/Steel
M16
1.5mm
8.0mm
FC-225-D
XF-1335-FAR
St/Steel
M20
1.5mm
1.5mm
FC-271-D
XF-1493-FAR
St/Steel
M20
1.5mm
3.0mm
FC-273-D
XF-1348-FAR
St/Steel
M20
1.5mm
4.5mm
FC-276-D
XF-1349-FAR
St/Steel
M20
1.5mm
6.0mm
FC-278-D
XF-1350-FAR
St/Steel
M20
1.5mm
8.0mm
FC-280-D
XF-1494-FAR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com