Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8580 Datasheet(PDF) 43 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 43 Page - Wolfson Microelectronics plc

Back Button WM8580_08 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8580_08 Datasheet HTML 47Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 103 page
background image
Production Data
WM8580
w
PD Rev 4.5 February 2008
43
It is possible to override any autoconfiguration of clocks, allowing the user to manually select an
available clock for a particular interface using the appropriate CLKSEL register bits. The
autoconfiguration can be overridden using the CLKSEL_MAN bit (Reg6, bit 6). Great care must to
used when overriding autoconfigured clocking.This is described in Manual Clock Selection section.
The sample rate at which the DAC, ADC and S/PDIF interfaces operate is configurable. The rate of
operation is determined by the available LRCLK at the interface and how the interface is configured –
master or slave mode. The available options are described in the sections which follow.
The PAIF and SAIF generate a BLCK and LRCLK if in master mode. In slave mode they use the
clocks from input pins.
DAC INTERFACE
The DACs are driven from an internal clock called the DAC_CLK. The DAC_CLKSEL bits (reg8, bits
1:0) select a clock to drive the DAC and the possible sources of DAC_CLK are MCLK, PLLACLK or
PLLBCLK. The digital routing can override the programmed DAC_CLKSEL register bits. For
example, if DAC1 is sourcing the S/PDIF Receiver, then PLLACLK is automatically selected as the
DAC_CLK. Figure 26 illustrates the DAC clock selection and the DAC Rate selection (see next
section).
Figure 26 DAC Clock and DAC Rate Selection
DAC RATE SELECTION
The sampling rate at which a DAC operates is determined by the DAC rate module, which is part of
the DAC. The DAC rate module divides down the DAC_CLK and calculates the rate at which the
DAC operates based on the DAC_CLK and the DAC_RATE_SEL (refer to Figure 26). The
DAC_RATE_SEL is generated based on the digital routing setup, and selects between
128/192/256/384/512/768/1152fs.Table 34 describes which clock is used to calculate the DAC rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com