Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP-101 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # DP-101
Description  Dual display for the digital pressure sensors of the future
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DP-101 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button DP-101 Datasheet HTML 6Page - Panasonic Semiconductor DP-101 Datasheet HTML 7Page - Panasonic Semiconductor DP-101 Datasheet HTML 8Page - Panasonic Semiconductor DP-101 Datasheet HTML 9Page - Panasonic Semiconductor DP-101 Datasheet HTML 10Page - Panasonic Semiconductor DP-101 Datasheet HTML 11Page - Panasonic Semiconductor DP-101 Datasheet HTML 12Page - Panasonic Semiconductor DP-101 Datasheet HTML 13Page - Panasonic Semiconductor DP-101 Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
9
ORDER GUIDE
OPTIONS
5 m 16.404 ft
3 m 9.843 ft
Connector
attached cable
1 m 3.281 ft
Sensor mounting
bracket
Panel mounting
bracket
Front protection
cover
Model No.
Designation
Description
0.2 mm2 4-core cabtyre cable
with connector on one end
Cable outer diameter:
"3.7 mm "0.146 in
Allows sensors to be installed to face in the direction of the
floor or ceiling. Multiple sensors can also be mounted closely.
Protects the adjustment surfaces of sensors.
(Can be attached when using the panel mounting bracket)
Allows installation to panels with thickness of 1 to 6 mm
0.039 to 0.236 in.
Set of 10 housings and 40 contacts
CN-14A-C1
CN-14A-C3
CN-14A-C5
MS-DP1-1
Connector
CN-14A
MS-DP1-2
MS-DP1-3
Types without connector attached cable
Types without connector attached cable are available. When ordering this type, add ‘-J’ at the end of the Model No.
Model No: DP-101-J, DP-101-E-P-J, DP-101-N-J, DP-101-N-P-J
DP-102-J, DP-102-E-P-J, DP-102-N-J, DP-102-N-P-J
Accessory
CN-14A-C2 (Connector attached cable 2 m 6.562 ft)
Sensor mounting bracket
• MS-DP1-1
Panel mounting bracket, Front protection cover
• MS-DP1-2
• MS-DP1-3
Sensor mounting
bracket
MS-DP1-1
M3 (length 6 mm 0.236 in)
screws with washers
(Accessory for
MS-DP1-1
)
Front protection cover
MS-DP1-3
Panel mounting bracket
MS-DP1-2
M3 (length 12 mm 0.472 in) tapping screw
(Accessory for MS-DP1-2)
On the market soon
Standard
Multi-function
Standard
Multi-function
Standard
Multi-function
For low pressure
For high pressure
For low pressure
For high pressure
For low pressure
For high pressure
For low pressure
For high pressure
For low pressure
For high pressure
For low pressure
For high pressure
Rated pressure range
Model No.
Pressure port
Type
NPN open-collector transistor
PNP open-collector transistor
NPN open-collector transistor
PNP open-collector transistor
NPN open-collector transistor
PNP open-collector transistor
NPN open-collector transistor
PNP open-collector transistor
NPN open-collector transistor
PNP open-collector transistor
M5 female thread
R (PT) 1/8
male thread
M5 female thread
NPT 1/8
male thread
M5 female thread
G 1/8
male thread
100.0 to
100.0 kPa
0.100 to
1.000 MPa
100.0 to
100.0 kPa
0.100 to
1.000 MPa
100.0 to
100.0 kPa
0.100 to
1.000 MPa
100.0 to
100.0 kPa
0.100 to
1.000 MPa
100.0 to
100.0 kPa
0.100 to
1.000 MPa
100.0 to
100.0 kPa
0.100 to
1.000 MPa
Comparative output
DP-101
DP-102
DP-101A
DP-102A
DP-101-E-P
DP-102-E-P
DP-101A-E-P
DP-102A-E-P
DP-101-N
DP-101-N-P
DP-102-N
DP-102-N-P
DP-101A-N
DP-101A-N-P
DP-102A-N
DP-102A-N-P
Appearance
mCN-14A-C2
(Connector attached
cable 2 m 6.562 ft )
is attached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com