Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FACK4WH Datasheet(PDF) 1 Page - TUK Ltd

Part # FACK4WH
Description  Category 5e Keystone Mount Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

FACK4WH Datasheet(HTML) 1 Page - TUK Ltd

  FACK4WH Datasheet HTML 1Page - TUK Ltd FACK4WH Datasheet HTML 2Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Category 5e Keystone Mount Coupler
Category 5e Unshielded Compact Keystone Mount Coupler (FACK4)
Features
High performance data throughput, meets Category 5e data transfer rates
Designed to fit industry standard keystone outlets and patch panels
Compatible with our 16 and 24 port keystone patch panels available with or without cable management
Specifications
Dimensions: FACK4: 29.5 x 16.9 x 21.8mm (LxWxH) FACK4bk#24: 280 x 70 x 35mm (LxWxH)
Weight:
FACK4: 6 grams
FACK4bk#24: 138 grams
Housing: ABS UL94V-0
Contacts: 50µ"/ 1.27µm gold plating over nickel plated phosphor bronze
Colour: Black (FACK4Bk) and white (FACK4Wh)
Packaging:
Supplied in individual polythene bags, then in bags of 20. To save time for panel assemblers,
FACK4bk#24 is available as a ‘’bulk pack’’ of 24 pieces without individual bags
Commodity Code: 85444920
EAN Number: FACK4bk - 5055386507624
FACK4bk#24 – 5055386507631
FACK4wh - 5055386507709
22/10/2019
PoE Compliant
FACK4bk
FACK4wh
PoE Compliant


Similar Part No. - FACK4WH

ManufacturerPart #DatasheetDescription
logo
TUK Ltd
FACK4 TUK-FACK4 Datasheet
1Mb / 9P
LOW PROFILE PANEL MOUNT RANGE
04/01/2022
FACK4BKDPM TUK-FACK4BKDPM Datasheet
173Kb / 1P
Category 5e Keystone D Universal Coupler
27/02/2020
FACK4BKPM TUK-FACK4BKPM Datasheet
1Mb / 3P
Category 5e Keystone Panel Mount Coupler
28/11/2019
FACK4BPM TUK-FACK4BPM Datasheet
1Mb / 9P
LOW PROFILE PANEL MOUNT RANGE
04/01/2022
More results

Similar Description - FACK4WH

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CC5E88IW PANDUIT-CC5E88IW Datasheet
157Kb / 1P
Mini-Com짰 Category 5e UTP Coupler Module
CP245E88BLY PANDUIT-CP245E88BLY Datasheet
75Kb / 2P
5e Coupler Patch Panel Component Labels for Category 5e Coupler Patch Panel
logo
Hubbell Incorporated.
NSJ5EB24 HUBBELL-NSJ5EB24 Datasheet
383Kb / 1P
Category 5e Jack
NSJ5EBK24 HUBBELL-NSJ5EBK24 Datasheet
374Kb / 1P
Category 5e Jack
NSJ5EGN24 HUBBELL-NSJ5EGN24 Datasheet
376Kb / 1P
Category 5e Jack
NSJ5EGY HUBBELL-NSJ5EGY Datasheet
285Kb / 1P
Category 5e Jack
NSJ5EGY24 HUBBELL-NSJ5EGY24 Datasheet
374Kb / 1P
Category 5e Jack
NSJ5ELA HUBBELL-NSJ5ELA Datasheet
291Kb / 1P
Category 5e Jack
NSJ5ER24 HUBBELL-NSJ5ER24 Datasheet
380Kb / 1P
Category 5e Jack
NSJ5EW HUBBELL-NSJ5EW Datasheet
296Kb / 1P
Category 5e Jack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com