Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FACK2SPM Datasheet(PDF) 3 Page - TUK Ltd

Part # FACK2SPM
Description  PANEL MOUNT CONNECTORS RANGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

FACK2SPM Datasheet(HTML) 3 Page - TUK Ltd

  FACK2SPM Datasheet HTML 1Page - TUK Ltd FACK2SPM Datasheet HTML 2Page - TUK Ltd FACK2SPM Datasheet HTML 3Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TUK Ltd, Unit 4, Wimbledon Stadium Business Centre, Riverside Road, London SW17 0BA
Tel: +44 (0) 20 8946 6688 Fax: +44 (0) 20 8879 7410 Email: sales@tuk.co.uk Website: www.tuk.co.uk
TUK follows a policy of continuous improvement. All information is correct at the time of printing but may be subject to change without prior notification. Please contact TUK for formal confirmation of
current specification. HDMI and LSA-Plus are registered trademarks of HDMI Licensing and Krone (UK) Technique Ltd respectively, whose rights are acknowledged.
is a registered trademark of
TUK Limited.
Specifications:
Panel Mount Adaptor (KApma)
Kit includes coupler/connector, panel mount adaptor and 2 x round head self tapping screws.
For specifications of couplers and sockets, see separate web pages as follows:
HDMI keystone coupler: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=185
RJ12 keystone coupler: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=170
USB2 AA keystone coupler: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=224
USB2.0 AB keystones coupler: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=182
Fibre keystone couplers and sockets: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=209
Cat 5e UTP and FTP keystone coupler: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=246
Cat 6 UTP and FTP keystone coupler: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=243
Cat 6A FTP keystone coupler: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=150
Cat 6A FTP keystone jack: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=113
Cat 5e and Cat 6 tool-less UTP keystone jack: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=173
Cat 6 IDC UTP keystone jack: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=192
Speaker module: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=201
BNC 50 ohm: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=1&pId=218
BNC 75 ohm: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=1&pId=221
90˚ Cat 6 Panel Mount Coupler: http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=133
Front
All dimensions are in mm
Back



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com