Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FACK2PM Datasheet(PDF) 2 Page - TUK Ltd

Part # FACK2PM
Description  PANEL MOUNT CONNECTORS RANGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

FACK2PM Datasheet(HTML) 2 Page - TUK Ltd

  FACK2PM Datasheet HTML 1Page - TUK Ltd FACK2PM Datasheet HTML 2Page - TUK Ltd FACK2PM Datasheet HTML 3Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3rd September, 2015
Code
Description
KCUABpm
KCUAApm
KCHDpm
KCK66pm
KOCMMpm
KOCSMpm
KOLMMDXpm
KOLSMDXpm
KOTMMpm
KOTSMpm
FACK2Spm
SACK2whpm
KSPbkpm
SGACK2Spm
SGKSsupm
SKFwhpm
SKmcbkpm
FACK2pm
KSPrdpm
KBNC50whpm
KBNC75bkpm
SACK90Spm
USB A female to B female coupler, reversible
USB2.0 A female to A female coupler
RJ12 6p6c female to female coupler
HDMI female to female coupler
KBNC50whpm
KBNC75bkpm
SACK90Spm
Fibre coupler SC to SC, multi mode simplex
Fibre coupler SC to SC, single mode simplex
Fibre coupler LC to LC, multi mode duplex
Category 6 coupler, white
Speaker module with black elastic identifier
Fibre coupler LC to LC, single mode duplex
Fibre coupler ST to ST, multi mode simplex, black dustcover
Fibre coupler ST to ST, single mode simplex, yellow dustcover
Category 5e coupler, shielded
Category 6A coupler, shielded (Category 6 coupler, shielded also available)
Category 6A tool-less socket, shielded
Category 6 tool-less IDC socket, unshielded (Category 5e also available)
Category 6 IDC socket, LSA-Plus and 110 type termination
Category 5e coupler
Speaker module with red elastic identifier
BNC 50 ohm, white
BNC 75 ohm, black
Cat 6 keystone coupler, w/rear outlet 90 degrees to front outlet, shielded
More Information:
TUK’s Panel Mount Connectors Range offers a wide variety of audio, video and data
connectors which can easily be mounted into panels of virtually any thickness.
Die cast adaptor is robust and ensures easy mounting (into standard cut-out) and reliable
earthing.
All connectors are made to relevant standards. Category 6 and 6A connectors are made,
for example, to FCC68 and to TIA/EIA 568B and have an insertion life of >750 mating
cycles. All products are CE compliant (i.e including ROHS and REACH)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com