Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5988260107F. Datasheet(PDF) 2 Page - Dialight Corporation

Part # 5988260107F.
Description  microLED SMD LED Selector Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

5988260107F. Datasheet(HTML) 2 Page - Dialight Corporation

  5988260107F. Datasheet HTML 1Page - Dialight Corporation 5988260107F. Datasheet HTML 2Page - Dialight Corporation 5988260107F. Datasheet HTML 3Page - Dialight Corporation 5988260107F. Datasheet HTML 4Page - Dialight Corporation 5988260107F. Datasheet HTML 5Page - Dialight Corporation 5988260107F. Datasheet HTML 6Page - Dialight Corporation 5988260107F. Datasheet HTML 7Page - Dialight Corporation 5988260107F. Datasheet HTML 8Page - Dialight Corporation 5988260107F. Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
All 598 Series LEDs are RoHS compliant and many colors offered conform to the
ANSI / VITA 40 standard regarding status indication.
The 598 Series is added to Dialight's impressive line of SMD products that include our
597 Series of microLED® SMD LEDs, 515 Series Optopipes®, and our industry standard PRISM®
Series of 2mm and 3mm right-angle SMD LEDs available in single, bi-level and tri-level
configurations.
Dialight's new 598 Series is available through our extensive line of Sales
Representatives and Distributors world-wide. For a complete listing that includes the
ability to check stock status at our Distributon partners, please visit our website at
www.dialight.com.
Dialight is proud to introduce a new series of microLED® SMD LEDs. Our new
598 Series is comprised of 10 different package styles incorporating the most popular
color combinations. Single color, bi-color, tri-color and right angle package styles are
all available. Common wavelengths are available in various package styles to maintain
color consistency.
Packages Offered:
0603
0606
0805
1206
1208
1210
Colors Offered:
Green - 525nm, 562nm
Yellow - 586nm, 592nm
Yellow-Green - 570nm
Orange - 605nm
Red - 635nm
Red-Orange - 620nm
Blue - 470nm
www.dialight.com
Clear Innovation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com