Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHW9206N Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MHW9206N
Description  Gallium Arsenide CATV Amplifier Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MHW9206N Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MHW9206N Datasheet HTML 1Page - Freescale Semiconductor, Inc MHW9206N Datasheet HTML 2Page - Freescale Semiconductor, Inc MHW9206N Datasheet HTML 3Page - Freescale Semiconductor, Inc MHW9206N Datasheet HTML 4Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MHW9206N
1
RF Device Data
Freescale Semiconductor
Gallium Arsenide
CATV Amplifier Module
Features
• Specified for 79-, 112- and 132-Channel Loading
• Excellent Distortion Performance
• Built-in Input Diode Protection
• GaAs FET Transistor Technology
• Unconditionally Stable Under All Load Conditions
Applications
• CATV Systems Operating in the 47 to 870 MHz Frequency Range
• Input Stage Amplifier in Optical Nodes, Line Extenders and Trunk
Distribution Amplifiers for CATV Systems
• Output Stage Amplifier on Applications Requiring Low Power Dissipation
and High Output Performance
• Driver Amplifier in Linear General Purpose Applications
Description
• 24 Vdc Supply, 47 to 870 MHz, CATV GaAs Forward Amplifier Module
• Replaced MHW9206. There are no form, fit or function changes with this
part replacement.
• RoHS Compliant
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
RF Voltage Input (Single Tone)
Vin
+70
dBmV
DC Supply Voltage
VCC
+26
Vdc
Operating Case Temperature Range
TC
-20 to +100
°C
Storage Temperature Range
Tstg
-40 to +100
°C
Table 2. ESD Maximum Ratings
Rating
Input Value
Output Value
Unit
Surge Voltage per IEC 1000-4-5
300
300
V
Human Body Model per Mil. Std. 1686
2
2
kV
Table 3. Electrical Characteristics (VCC = 24 Vdc, TC = +45°C, 75 Ω system unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency Range
BW
47
870
MHz
Power Gain
870 MHz
Gp
19.6
20.2
20.8
dB
Slope
47-870 MHz
S
0.4
0.8
1.4
dB
Gain Flatness (47-870 MHz, Peak-to-Valley)
GF
0.5
dB
Return Loss — Input/Output
(Zo = 75 Ohms)
47-500 MHz
501-750 MHz
751-870 MHz
IRL/ORL
20
19
18
dB
Composite Second Order
(Vout = +48 dBmV/ch., Worst Case)
79-Channel FLAT
(Vout = +46 dBmV/ch., Worst Case)
112-Channel FLAT
(Vout = +44 dBmV/ch., Worst Case)
132-Channel FLAT
CSO79
CSO112
CSO132
-66
-62
-63
-63
-59
-59
dBc
Document Number: MHW9206N
Rev. 4, 3/2006
Freescale Semiconductor
Technical Data
MHW9206N
870 MHz
20.2 dB GAIN
132-CHANNEL
GaAs CATV AMPLIFIER MODULE
CASE 1302-01, STYLE 1
 Freescale Semiconductor, Inc., 2006. All rights reserved.


Similar Part No. - MHW9206N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW9206 MOTOROLA-MHW9206 Datasheet
274Kb / 4P
GALLIUM ARSENIDE CATV AMPLIFIER MODULE
More results

Similar Description - MHW9206N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW9227 MOTOROLA-MHW9227 Datasheet
271Kb / 4P
GALLIUM ARSENIDE CATV AMPLIFIER MODULE
MHW9276 MOTOROLA-MHW9276 Datasheet
260Kb / 4P
GALLIUM ARSENIDE CATV AMPLIFIER MODULE
MHW9206 MOTOROLA-MHW9206 Datasheet
274Kb / 4P
GALLIUM ARSENIDE CATV AMPLIFIER MODULE
MHW9207A MOTOROLA-MHW9207A Datasheet
245Kb / 4P
Gallium Arsenide CATV Amplifier Module
MHW9236 MOTOROLA-MHW9236 Datasheet
271Kb / 4P
GALLIUM ARSENIDE CATV AMPLIFIER MODULE
MHW9267A MOTOROLA-MHW9267A Datasheet
246Kb / 4P
Gallium Arsenide CATV Amplifier Module
MHW9186A MOTOROLA-MHW9186A Datasheet
78Kb / 4P
Gallium Arsenide CATV Amplifier Module
MHW9227A MOTOROLA-MHW9227A Datasheet
286Kb / 4P
GALLIUM ARSENIDE CATV AMPLIFIER MODULE
logo
Freescale Semiconductor...
MHW10247AN FREESCALE-MHW10247AN Datasheet
70Kb / 4P
Gallium Arsenide CATV Amplifier Module
MHW9247AN FREESCALE-MHW9247AN Datasheet
74Kb / 4P
Gallium Arsenide CATV Amplifier Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com