Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08/02/08 Datasheet(PDF) 1 Page - pro-elec

Part # 08/02/08
Description  Conduit Access Grommet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec

08/02/08 Datasheet(HTML) 1 Page - pro-elec

  08/02/08 Datasheet HTML 1Page - pro-elec 08/02/08 Datasheet HTML 2Page - pro-elec  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Conduit Access Grommet
Page 1
08/02/08 V1.0
Specifications
Description
Material
Colour
Fixing Hole
Diameter
External
Diameter
Part Number
125mm Conduit Access Grommet
ABS
Black
127
140
CR125CDB
Grey
CR125CDG
125mm Cable Access Grommet
Black
CR125CBB
Grey
CR125CBG
100mm Cable Access Grommet
Black
95
110
CR100CBB
Grey
CR100CBG
Dimensions : Millimetres


Similar Description - 08/02/08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-3C GLENAIR-M24758-3C Datasheet
57Kb / 2P
Conduit Fitting
M24758-4C GLENAIR-M24758-4C Datasheet
56Kb / 2P
Conduit Fitting
M24758-5C GLENAIR-M24758-5C Datasheet
202Kb / 2P
Conduit Fitting
M24758-8C GLENAIR-M24758-8C Datasheet
198Kb / 2P
Conduit to Conduit Fitting
M24758-28A12 GLENAIR-M24758-28A12 Datasheet
195Kb / 2P
Straight Conduit Fitting to PEEK Conduit
M24758-02-A GLENAIR-M24758-02-A Datasheet
123Kb / 1P
Conduit Fitting
M24758-3-16-A GLENAIR-M24758-3-16-A Datasheet
80Kb / 1P
Conduit Fitting
M24758-4-16-A GLENAIR-M24758-4-16-A Datasheet
81Kb / 1P
Conduit Fitting
M24758-8-16-A GLENAIR-M24758-8-16-A Datasheet
79Kb / 1P
Conduit-to-Conduit Fitting
logo
Richco, Inc.
SG8-250-81 RICHCO-SG8-250-81 Datasheet
37Kb / 1P
SCREW GROMMET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com