Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16RF58 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST16RF58
Description  Smartcard MCU With 8176 Bytes EEPROM for Contactless/Contact Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST16RF58 Datasheet(HTML) 2 Page - STMicroelectronics

  ST16RF58 Datasheet HTML 1Page - STMicroelectronics ST16RF58 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ST16RF58
2/2
DESCRIPTION
The ST16RF58, a member of the standard ST16
device family, is a serial access microcontroller
especially designed for large volume contactless/
contact Smartcard applications.
The ST16RF58 is based on 8 bit CPU core and in-
cludes on chip memories: 512 Bytes of RAM, 22
KBytes of USER ROM, 5 KBytes of SYSTEM
ROM, and 8176 Bytes of EEPROM.
Both ROM and EEPROM memories can be con-
figured into two sectors. Access rules from any
memory section or sector to any other are set-up
by the User’s defined Memory Access Control Ma-
trix (MACM).
Reliability data related to the ST16RF58 product,
manufactured
using
STMicroelectronics’
ad-
vanced CMOS EEPROM technology, confirm
data retention of up to 10 years and endurance up
to 300,000 Erase/Write cycles.
Contact operation is fully compatible with the ISO
standards for Smartcard applications.
Figure 1 Block Diagram
SCP 076c/DS
MEMORY ACCESS CONTROL MATRIX
8 BIT
CPU
SERIAL I/0
INTERFACE
NUMBER
GENERATOR
INTERNAL BUS
RAM
SECT.
A
SECT.
B
SECTOR
A
SECTOR
B
SECTORS
COMBIN.
ROM
V
GENERATION
EEPROM
SECTORS COMBINATIVE
RST
GND
V
I/O1
CLK
SYSTEM
ROM
SECT.
S
SECURITY
LOGIC
AC0
AC1
RF INTERFACE
CC
CC
8176 Bytes
22 KBytes
5 KBytes
512 Bytes



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com