Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP65001 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # SP65001
Description  650MHz Low-loss SAW Filter 43MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP65001 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  SP65001 Datasheet HTML 1Page - SIPAT Co,Ltd SP65001 Datasheet HTML 2Page - SIPAT Co,Ltd SP65001 Datasheet HTML 3Page - SIPAT Co,Ltd SP65001 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP65001
Rev. Date
2007-04-26
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Ver.
1.0
Page 3/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
650MHz Low-loss SAW Filter
43MHz Bandwidth
Part Number: SP65001
Typical Performance
Frequency Respond
Passband Respond
550
600
650
700
750
-91.7591
-81.7591
-71.7591
-61.7591
-51.7591
-41.7591
-31.7591
-21.7591
-11.7591
-1.7591
8.2409
Type Performance
Frequency(MHz)
3dB CF = 648.3992MHz
1dB = 32.7553MHz
3dB = 44.1887MHz
35dB = 110.3518MHz
Insert Los s = -1.7591dB
Passband Ripple = 0.45125dB
Ultimate Rejection = 29.8654dB
Group Delay = 8.5768ns
Phase Linearity = 7.9106deg
Absolute Delay = 25.9957ns
Horizontal: 50MHz/Div
Vertical: 10dB/Div
580
600
620
640
660
680
700
720
-4.2591
-3.7591
-3.2591
-2.7591
-2.2591
-1.7591
-1.2591
-0.7591
-0.2591
0.2409
Horizontal: 20MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±20MHz)
Phase Linearity(f0±20MHz)
610
620
630
640
650
660
670
680
690
-60
-40
-20
0
20
40
60
80
100
X: 650
Y: 24.41
Type Performance
Frequency(MHz)
X: 670
Y: 50.58
X: 630
Y: 37.82
Horizontal: 10MHz/Div
Vertical: 20ns/Div
610
620
630
640
650
660
670
680
690
-100
-80
-60
-40
-20
0
20
40
60
80
100
X: 650
Y: -0.5747
Type Performance
Frequency(MHz)
X: 670
Y: -23.4
X: 630
Y: 10.33
Horizontal: 10MHz/Div
Vertical: 20deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com