Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP70001 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP70001
Description  700MHz Low-loss SAW Filter 47MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP70001 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP70001 Datasheet HTML 1Page - SIPAT Co,Ltd SP70001 Datasheet HTML 2Page - SIPAT Co,Ltd SP70001 Datasheet HTML 3Page - SIPAT Co,Ltd SP70001 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP70001
Rev. Date
2007-04-26
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Ver.
1.0
Page 1/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
700MHz Low-loss SAW Filter
47MHz Bandwidth
Part Number: SP70001
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
-
700
-
Insertion Loss
dB
-
2
3
1 dB Bandwidth
MHz
-
37.36
-
3 dB Bandwidth
MHz
46.6
48.45
-
35 dB Bandwidth
MHz
-
119.39
55
Passband Variation(f0±20MHz)
dB
-
0.1
1
Absolute Delay
usec
-
0.02
-
Group Delay Variation(f0±20MHz)
nsec
-
20
-
590~670MHz
dB
7
8
-
730~810MHz
dB
7
17
-
1~590MHz
dB
35
50
-
Ultimate Rejection
810~1000MHz
dB
35
53
-
Material Temperature coefficient
KHz/°C
-47.6
Ambient Temperature
°C
25
Package Size
SMD3.8*3.8
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
INPUT
OUTPUT
50Ω
50Ω


Similar Part No. - SP70001

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
SP700108-1 DBUNLIMITED-SP700108-1 Datasheet
555Kb / 1P
Released from Engineering
SP700308-1 DBUNLIMITED-SP700308-1 Datasheet
619Kb / 1P
Released from Engineering
SP700508-1 DBUNLIMITED-SP700508-1 Datasheet
711Kb / 1P
Released from Engineering
More results

Similar Description - SP70001

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS16 SIPAT-LB140DS16 Datasheet
288Kb / 3P
140MHz Low-loss SAW Filter 22MHz Bandwidth
LB140DS22 SIPAT-LB140DS22 Datasheet
152Kb / 3P
140MHz Low-loss SAW Filter 0.55MHz Bandwidth
LB140DS23 SIPAT-LB140DS23 Datasheet
288Kb / 3P
140MHz Low-loss SAW Filter 4.5MHz Bandwidth
LBS7002L SIPAT-LBS7002L Datasheet
141Kb / 4P
70MHz Low-loss SAW Filter 0.5MHz Bandwidth
LB079DS02 SIPAT-LB079DS02 Datasheet
158Kb / 4P
78.5MHz Low-loss SAW Filter 20MHz Bandwidth
SP30001 SIPAT-SP30001 Datasheet
160Kb / 4P
300MHz Low-loss SAW Filter 45MHz Bandwidth
SP50001 SIPAT-SP50001 Datasheet
155Kb / 4P
500MHz Low-loss SAW Filter 45MHz Bandwidth
SP55001 SIPAT-SP55001 Datasheet
155Kb / 4P
550MHz Low-loss SAW Filter 45MHz Bandwidth
SP35001 SIPAT-SP35001 Datasheet
165Kb / 4P
350MHz Low-loss SAW Filter 45MHz Bandwidth
SP40001 SIPAT-SP40001 Datasheet
164Kb / 4P
400MHz Low-loss SAW Filter 45MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com