Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP83701 Datasheet(PDF) 5 Page - SIPAT Co,Ltd

Part # SP83701
Description  836.5MHz RF SAW Filter 25MHz Bandwidth
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP83701 Datasheet(HTML) 5 Page - SIPAT Co,Ltd

  SP83701 Datasheet HTML 1Page - SIPAT Co,Ltd SP83701 Datasheet HTML 2Page - SIPAT Co,Ltd SP83701 Datasheet HTML 3Page - SIPAT Co,Ltd SP83701 Datasheet HTML 4Page - SIPAT Co,Ltd SP83701 Datasheet HTML 5Page - SIPAT Co,Ltd SP83701 Datasheet HTML 6Page - SIPAT Co,Ltd SP83701 Datasheet HTML 7Page - SIPAT Co,Ltd SP83701 Datasheet HTML 8Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP83701
Rev. Date
2006-8-9
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 5/8
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
836.5MHz RF SAW Filter
25MHz Bandwidth
Part Number: SP83701
5.2 Ultrasonic cleaning
Ultrasonic vibration may cause deterioration & destruction of the component. Please avoid
ultrasonic cleaning.
5.3 Soldering
Only leads of component may be soldered. Please avoid soldering another part of
component.
6. Packing
6.1 Dimensions
(1) Carrier Tape: Figure 1
(2) Reel: Figure 2
(3) The product shall be packed properly not to be damaged during transportation and storage.
6.2 Reeling Quantity
3,000pcs/reel
6.3 Taping Structure
(1) The tape shall be wound around the reel in the direction shown below.
(2)Lable
Device Name
Type
Quantity
Lot No.
TOP COVER TAPE
CARRIER TAPE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com