Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPLB3701 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SPLB3701
Description  SAW Filter Electrical Characteristic
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SPLB3701 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SPLB3701 Datasheet HTML 1Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sichuan Institute of Piezoelectric and Acoustooptic Technology
__________________________________________________________________________________________________ 
      P.O.Box 2513 Chongqing China 400060   Tel:86-23-62920684   Fax:62805284   email:sawmkt@sipat.com
SPLB3701SAW Filter Electrical Characteristic
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
37.56
37.66
37.76
Insertion Loss
dB
12.5
13
1 dB Bandwidth
MHz
-
-
3 dB Bandwidth
MHz
1.5
1.45
40dBBandwidth
MHz
2.8
3
Passband variation
dB
0.7
1
Phase Linearity
degrees
-
-
Group Delay Variation
nsec
-
-
Absolute Delay
usec
-
Ultimate Rejection
dB
40
45
Substrate Material
128LN
Ambient Temperature
°C
25
Package Size
 DIP3616  (36x16x5.2mm
SPLB3701 SAW Filter Typical Performance
32.66
33.66
34.66
35.66
36.66
37.66
38.66
39.66
40.66
41.66
42.66
-80
-70
-60
-50
-40
-30
-20
-10
0
Type performance
Frequency(MHz)


Similar Part No. - SPLB3701

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLBF98-40-5 OSRAM-SPLBF98-40-5 Datasheet
152Kb / 4P
Un-mounted monolithic linear array
logo
Siemens Semiconductor G...
SPLBG81 SIEMENS-SPLBG81 Datasheet
20Kb / 2P
Unmounted Laser Bars 20 W cw ... 100 W qcw
logo
OSRAM GmbH
SPLBG81-20S OSRAM-SPLBG81-20S Datasheet
97Kb / 4P
Unmontierte Laserbarren, 50% Fullfaktor, 808 nm
SPLBG81-2S OSRAM-SPLBG81-2S Datasheet
127Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 808 nm
SPLBG81-9S OSRAM-SPLBG81-9S Datasheet
127Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 808 nm
More results

Similar Description - SPLB3701

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14023 SIPAT-LBS14023 Datasheet
44Kb / 1P
SAW Filter Electrical Characteristic
LBS7032 SIPAT-LBS7032 Datasheet
74Kb / 1P
SAW Filter Electrical Characteristic
LBS07202 SIPAT-LBS07202 Datasheet
125Kb / 1P
SAW Filter Electrical Characteristic
LBN160-9.45 SIPAT-LBN160-9.45 Datasheet
23Kb / 1P
SAW Filter Electrical Characteristic
LBN02301 SIPAT-LBN02301 Datasheet
110Kb / 1P
SAW Filter Electrical Characteristic
LBN03601 SIPAT-LBN03601 Datasheet
69Kb / 1P
SAW Filter Electrical Characteristic
LBN04404 SIPAT-LBN04404 Datasheet
91Kb / 1P
SAW Filter Electrical Characteristic
LBN6504 SIPAT-LBN6504 Datasheet
91Kb / 1P
SAW Filter Electrical Characteristic
LBN7001 SIPAT-LBN7001 Datasheet
43Kb / 1P
SAW Filter Electrical Characteristic
LBN7052 SIPAT-LBN7052 Datasheet
104Kb / 1P
SAW Filter Electrical Characteristic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com