| Electronic Components Datasheet Search |
|
STK14EC8 Datasheet(PDF) 12 Page - Simtek Corporation |
|
|
|||||||||||||||||||||||||||||
STK14EC8 Datasheet(HTML) 12 Page - Simtek Corporation |
|
12 / 19 page ![]() 12 Simtek Confidential Jan, 2008 Document Control #ML0060 Rev 1.1 STK14EC8 Preliminary To reduce unneeded nonvolatile stores, AutoStore and Hardware Store operations will be ignored unless at least one WRITE operation has taken place since the most recent STORE or RECALL cycle. Software initiated STORE cycles are per- formed regardless of whether a WRITE operation has taken place. The HSB signal can be monitored by the system to detect an AutoStore cycle is in progress. HARDWARE STORE (HSB) OPERATION The STK14EC8 provides the HSB pin for controlling and acknowledging the STORE operations. The HSB pin can be used to request a hardware STORE cycle. When the HSB pin is driven low, the STK14EC8 will conditionally initiate a STORE oper- ation after tDELAY. An actual STORE cycle will only begin if a WRITE to the SRAM took place since the last STORE or RECALL cycle. The HSB pin has a very resistive pullup and is internally driven low to indicate a busy condition while the STORE (initiated by any means) is in progress. This pin should be externally pulled up if it is used to drive other inputs. SRAM READ and WRITE operations that are in progress when HSB is driven low or when VCC falls below Vswitch are given time to complete before the STORE operation is initiated. After AUTOSTORE or HSB goes low, the STK14EC8 will continue to allow SRAM operations for tDELAY. During tDELAY, multiple SRAM READ operations may take place. If a WRITE is in progress when HSB is pulled low, it will be allowed a time, tDELAY, to complete. However, any SRAM WRITE cycles requested after HSB goes low will be inhibited until HSB returns high. If HSB is not used, it should be left unconnected. HARDWARE RECALL (POWER-UP) During power up or after any low-power condition (VCC<VSWITCH), an internal RECALL request will be latched. When VCC once again exceeds the sense voltage of VSWITCH, a RECALL cycle will automati- cally be initiated and will take tHRECALL to complete. SOFTWARE STORE Data can be transferred from the SRAM to the non- volatile memory by a software address sequence. The STK14EC8 software STORE cycle is initiated by executing sequential E controlled or G controlled READ cycles from six specific address locations in exact order. During the STORE cycle, previous data is erased and then the new data is programmed into the nonvolatile elements. Once a STORE cycle is initiated, further memory inputs and outputs are dis- abled until the cycle is completed. To initiate the software STORE cycle, the following READ sequence must be performed: Once the sixth address in the sequence has been entered, the STORE cycle will commence and the chip will be disabled. It is important that READ cycles and not WRITE cycles be used in the sequence and that G is active. After the tSTORE cycle time has been fulfilled, the SRAM will again be acti- vated for READ and WRITE operation. SOFTWARE RECALL Data can be transferred from the nonvolatile mem- ory to the SRAM by a software address sequence. A software RECALL cycle is initiated with a sequence of READ operations in a manner similar to the soft- ware STORE initiation. To initiate the RECALL cycle, the following sequence of E controlled or G con- trolled READ operations must be performed: Internally, RECALL is a two-step procedure. First, the SRAM data is cleared, and second, the nonvola- tile information is transferred into the SRAM cells. After the tRECALL cycle time, the SRAM will once again be ready for READ or WRITE operations. The RECALL operation in no way alters the data in the nonvolatile storage elements. Care must be taken so the controlling falling edge is glitch and ring free so as not to double clock the read address. 1 Read Address 0x4E38 Valid READ 2 Read Address 0xB1C7 Valid READ 3 Read Address 0x83E0 Valid READ 4 Read Address 0x7C1F Valid READ 5 Read Address 0x703F Valid READ 6 Read Address 0x8FC0 Initiate STORE Cycle 1 Read Address 0x4E38 Valid READ 2 Read Address 0xB1C7 Valid READ 3 Read Address 0x83E0 Valid READ 4 Read Address 0x7C1F Valid READ 5 Read Address 0x703F Valid READ 6 Read Address 0x4C63 Initiate RECALL Cycle |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |