Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST18-AU1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST18-AU1
Description  SIX-CHANNEL DOLBY AC3/MPEG2 AUDIO DECODER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18-AU1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST18-AU1 Datasheet HTML 9Page - STMicroelectronics ST18-AU1 Datasheet HTML 10Page - STMicroelectronics ST18-AU1 Datasheet HTML 11Page - STMicroelectronics ST18-AU1 Datasheet HTML 12Page - STMicroelectronics ST18-AU1 Datasheet HTML 13Page - STMicroelectronics ST18-AU1 Datasheet HTML 14Page - STMicroelectronics ST18-AU1 Datasheet HTML 15Page - STMicroelectronics ST18-AU1 Datasheet HTML 16Page - STMicroelectronics ST18-AU1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 87 page
background image
13/87
ST18-AU1
Figure 3.2
ST18-AU1 block diagram
Host interface
The I2C serial bus interface operated in slave mode enables connection to an external host
processor. It receives operating commands, and returns host requested bitstream information
and internal status.
Interrupt
controller
Clocks and
timers
Host
interface
2
TAP
16K Program
memory
16K X-data
8K Y-data
memory
IEC-958
DMA
controller
D950
DSP
core
ST18-AU1
P0-7
RESET
VCC
GND
Clocks
HCL
HDA
HSAS
(I2C host interface)
DIN
WSDIN
CLKDIN
DREQ
SPDIFOUT
(AC-3/MPEG or PCM)
IEEE 1149.1
JTAG interface
PCM_OUT
SCLKPCM
WSPCM
I-bus
X-bus
Y-bus
IT
9
Bus switch
unit
Direct X / bus
Input serial
interfaces
memory
IRQ
(S/PDIF)
output
3
Output serial
interfaces
switch
(39 pins)
(13 pins)
MODE_RESET
LP
Direct I bus
(35 pins)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com